Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4116 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4116
Description  RF PLL Frequency Synthesizers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4116 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4116 Datasheet HTML 6Page - Analog Devices ADF4116 Datasheet HTML 7Page - Analog Devices ADF4116 Datasheet HTML 8Page - Analog Devices ADF4116 Datasheet HTML 9Page - Analog Devices ADF4116 Datasheet HTML 10Page - Analog Devices ADF4116 Datasheet HTML 11Page - Analog Devices ADF4116 Datasheet HTML 12Page - Analog Devices ADF4116 Datasheet HTML 13Page - Analog Devices ADF4116 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADF4116/ADF4117/ADF4118
–10–
REV. 0
PHASE FREQUENCY DETECTOR (PFD) AND CHARGE
PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 24 is a simplified schematic.
The PFD includes a fixed delay element which sets the width of
the antibacklash pulse. This is typically 3 ns. This pulse ensures
that there is no dead zone in the PFD transfer function and
gives a consistent reference spur level.
DELAY
U3
CLR1
Q1
D1
CP
DOWN
UP
HI
U1
CLR2
Q2
D2
U2
HI
N DIVIDER
R DIVIDER
VP
CHARGE
PUMP
CP GND
R DIVIDER
CP OUTPUT
N DIVIDER
Figure 24. PFD Simplified Schematic and Timing (In Lock)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4116 family allows the
user to access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2 and M1 in the function
latch. Table VI shows the full truth table. Figure 25 shows the
MUXOUT section in block diagram form.
CONTROL
MUX
DVDD
MUXOUT
DGND
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
Figure 25. MUXOUT Circuit
Lock Detect
MUXOUT can be programmed for two types of lock detect:
Digital Lock Detect and Analog Lock Detect.
Digital Lock Detect is active high. It is set high when the phase
error on three consecutive phase detector cycles is less than 15 ns.
It will stay set high until a phase error of greater than 25 ns is
detected on any subsequent PD cycle.
The N-channel open-drain analog lock detect should be oper-
ated with an external pull-up resistor of 10 k
Ω nominal. When
lock has been detected it is high with narrow low-going pulses.
INPUT SHIFT REGISTER
The ADF4116 family digital section includes a 21-bit input shift
register, a 14-bit R counter and a˙`-bit N counter, comprising
a 5-bit A counter and a 13-bit B counter. Data is clocked into
the 21-bit shift register on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the shift register
to one of four latches on the rising edge of LE. The destination
latch is determined by the state of the two control bits (C2, C1)
in the shift register. These are the two LSBs DB1, DB0 as
shown in the timing diagram of Figure 1. The truth table for
these bits is shown in Table VII. Table II shows a summary
of how the latches are programmed.
Table II. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
0
0
R Counter
0
1
N Counter (A and B)
1
0
Function Latch
1
1
Initialization Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com