Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4113BCP Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4113BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4113BCP Datasheet HTML 9Page - Analog Devices ADF4113BCP Datasheet HTML 10Page - Analog Devices ADF4113BCP Datasheet HTML 11Page - Analog Devices ADF4113BCP Datasheet HTML 12Page - Analog Devices ADF4113BCP Datasheet HTML 13Page - Analog Devices ADF4113BCP Datasheet HTML 14Page - Analog Devices ADF4113BCP Datasheet HTML 15Page - Analog Devices ADF4113BCP Datasheet HTML 16Page - Analog Devices ADF4113BCP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–13–
Table III. Reference Counter Latch Map
OPERATION
LDP
THREE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
FIVE CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN
15ns MUST OCCUR BEFORE LOCK DETECT IS SET.
0
1
TEST MODE BITS SHOULD
BE SET TO 00 FOR NORMAL
OPERATION
R14
0
0
0
0
•
•
•
1
1
1
1
R13
0
0
0
0
•
•
•
1
1
1
1
R12
0
0
0
0
•
•
•
1
1
1
1
R3
0
0
0
1
•
•
•
1
1
1
1
R2
0
1
1
0
•
•
•
0
0
1
1
R1
1
0
1
0
•
•
•
0
1
0
1
DIVIDE RATIO
1
2
3
4
•
•
•
16380
16381
16382
16383
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
••••••••••
TEST
MODE BITS
DB23 DB22
DB21 DB20
DB19 DB18
DB17 DB16
DB15 DB14
DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB13
LDP
T2
T1
R14
R13
R12
R11
R10
R8
R7
R6
R5
R4
R3
R2
R1
C2 (0) C1 (0)
R9
14-BIT REFERENCE COUNTER
CONTROL
BITS
DB2
DB1
DB0
SYNC
DLY
ABP2 ABP1
ANTI-
BACKLASH
WIDTH
SYNC
DLY
ABP1
ABP2
0
0
1
1
0
1
0
1
3.0ns
1.5ns
6.0ns
3.0ns
ANTIBACKLASH PULSEWIDTH
SYNC
DLY
0
0
1
1
0
1
0
1
NORMAL OPERATION
OUTPUT OF PRESCALER IS RESYNCHRONIZED
WITH NONDELAYED VERSION OF RF INPUT
NORMAL OPERATION
OUTPUT OF PRESCALER IS RESYNCHRONIZED
WITH DELAYED VERSION OF RF INPUT
OPERATION
X
X = DON'T
CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com