Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4113BCP Datasheet(PDF) 15 Page - Analog Devices

Part # ADF4113BCP
Description  RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADF4113BCP Datasheet HTML 11Page - Analog Devices ADF4113BCP Datasheet HTML 12Page - Analog Devices ADF4113BCP Datasheet HTML 13Page - Analog Devices ADF4113BCP Datasheet HTML 14Page - Analog Devices ADF4113BCP Datasheet HTML 15Page - Analog Devices ADF4113BCP Datasheet HTML 16Page - Analog Devices ADF4113BCP Datasheet HTML 17Page - Analog Devices ADF4113BCP Datasheet HTML 18Page - Analog Devices ADF4113BCP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
REV. 0
ADF4110/ADF4111/ADF4112/ADF4113
–15–
Table V. Function Latch Map
M3
0
0
0
0
1
1
1
1
M2
0
0
1
1
0
0
1
1
M1
0
1
0
1
0
1
0
1
OUTPUT
THREE-STATE OUTPUT
DIGITAL LOCK DETECT
(ACTIVE HIGH)
N DIVIDER OUTPUT
DVDD
R DIVIDER OUTPUT
ANALOG LOCK DETECT
(N-CHANNEL OPEN-DRAIN)
SERIAL DATA OUTPUT
DGND
F1
0
1
COUNTER
OPERATION
NORMAL
R, A, B COUNTERS
HELD IN RESET
F2
0
1
PD POLARITY
NEGATIVE
POSITIVE
F3
0
1
CHARGE PUMP OUTPUT
NORMAL
THREE-STATE
0
1
1
1
CE PIN PD2 PD1
MODE
ASYNCHRONOUS POWER-DOWN
NORMAL OPERATION
ASYNCHRONOUS POWER-DOWN
SYNCHRONOUS POWER-DOWN
X
X
0
1
X
0
1
1
F5
X
0
1
FASTLOCK MODE
FASTLOCK DISABLED
FASTLOCK MODE 1
FASTLOCK MODE2
F4
0
1
1
P1
0
1
0
1
PRESCALER VALUE
8/9
16/17
32/33
64/65
P2
0
0
1
1
CPI6
CPI3
CPI5
CPI2
CPI4
CPI1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
ICP (mA)
2.7k
4.7k
10k
1.09
2.18
3.26
4.35
5.44
6.53
7.62
8.70
0.63
1.25
1.88
2.50
3.13
3.75
4.38
5.00
0.29
0.59
0.88
1.76
1.47
1.76
2.06
2.35
CURRENT
SETTTING
2
DB23 DB22
DB21 DB20
DB19 DB18
DB17 DB16
DB15 DB14
DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB13
CPI6
CPI5
CPI4
CPI1
TC4
TC3
TC2
TC1
F4
F3
F2
M3
M2
M1
PD1
F1
C2 (1) C1 (0)
F5
CONTROL
BITS
PRESCALER
VALUE
DB2
DB1
DB0
PD2
P1
CPI3
CPI2
CURRENT
SETTTING
1
TIMER COUNTER
CONTROL
MUXOUT
CONTROL
P2
TC4
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
TC3
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
TC2
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
TC1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
TIMEOUT
(PFD CYCLES)
3
7
11
15
19
23
27
31
35
39
43
47
51
55
59
63
SEE PAGE 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com