Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG441 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG441
Description  LC2MOS Quad SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG441 Datasheet(HTML) 2 Page - Analog Devices

  ADG441 Datasheet HTML 1Page - Analog Devices ADG441 Datasheet HTML 2Page - Analog Devices ADG441 Datasheet HTML 3Page - Analog Devices ADG441 Datasheet HTML 4Page - Analog Devices ADG441 Datasheet HTML 5Page - Analog Devices ADG441 Datasheet HTML 6Page - Analog Devices ADG441 Datasheet HTML 7Page - Analog Devices ADG441 Datasheet HTML 8Page - Analog Devices ADG441 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
REV. 0
–2–
B Version
T Version
–40
°C to
–55
°C to
Parameter
+25
°C
+85
°C
+25
°C
+125
°C
Units
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
VSS to VDD
V
RON
40
40
Ω typ
VD = ± 8.5 V, IS = –10 mA
70
85
70
85
Ω max
VDD = +13.5 V, VSS = –13.5 V
∆R
ON
44
Ω typ
–8.5 V
≤ V
D ≤ +8.5 V
99
Ω max
RON Match
1
1
Ω typ
VD = 0 V, IS = –10 mA
33
Ω max
LEAKAGE CURRENTS
VDD = +16.5 V, VSS = –16.5 V
Source OFF Leakage IS (OFF)
±0.01
±0.01
nA typ
VD = ± 15.5 V, VS =
15.5 V;
±0.5
±3
±0.5
±20
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
±0.01
nA typ
VD = ± 15.5 V, VS =
15.5 V;
±0.5
±3
±0.5
±20
nA max
Test Circuit 2
Channel ON Leakage ID, IS (ON)
±0.08
±0.08
nA typ
VS = VD = ± 15.5 V;
±0.5
±3
±0.5
±40
nA max
Test Circuit 3
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±0.00001
±0.00001
µA typ
VIN = VINL or VINH
±0.5
±0.5
µA max
DYNAMIC CHARACTERISTICS
2
tON
85
85
ns typ
RL = 1 kΩ, CL = 35 pF;
110
170
110
170
ns max
VS = ± 10 V; Test Circuit 4
tOFF
45
45
ns typ
RL = 1 kΩ, CL = 35 pF;
60
80
60
80
ns max
VS = ± 10 V; Test Circuit 4
tOPEN
30
30
ns typ
RL = 1 kΩ, CL = 35 pF;
Charge Injection
1
1
pC typ
VS = 0 V, RS = 0 Ω, CL= 1 nF;
6
6
pC max
VDD = +15 V, VSS = –15 V;
Test Circuit 5
OFF Isolation
60
60
dB typ
RL = 50 Ω, CL = 5 pF;
f = 1 MHz; Test Circuit 6
Channel-to-Channel Crosstalk
100
100
dB typ
RL = 50 Ω, CL = 5 pF;
f = 1 MHz; Test Circuit 7
CS (OFF)
4
4
pF typ
f = 1 MHz
CD (OFF)
4
4
pF typ
f = 1 MHz
CD, CS (ON)
16
16
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = +16.5 V, VSS = –16.5 V
IDD
Digital Inputs = 0 V or 5 V
ADG441/ADG442
80
80
µA max
ADG444
0.001
0.001
µA typ
1
2.5
1
2.5
µA max
ISS
0.0001
0.0001
µA typ
1
2.5
1
2.5
µA max
IL (ADG444 Only)
0.001
0.001
µA typ
VL = +5.5 V
1
2.5
1
2.5
µA max
NOTES
1Temperature ranges are as follows: B Versions: –40
°C to +85°C; T Versions: –55°C to +125°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
ADG441/ADG442/ADG444–SPECIFICATIONS1
Dual Supply (V
DD = +15 V
± 10%, V
SS = –15 V
± 10%, V
L = +5 V
± 10% (ADG444), GND = 0 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com