Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG441 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG441
Description  LC2MOS Quad SPST Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG441 Datasheet(HTML) 4 Page - Analog Devices

  ADG441 Datasheet HTML 1Page - Analog Devices ADG441 Datasheet HTML 2Page - Analog Devices ADG441 Datasheet HTML 3Page - Analog Devices ADG441 Datasheet HTML 4Page - Analog Devices ADG441 Datasheet HTML 5Page - Analog Devices ADG441 Datasheet HTML 6Page - Analog Devices ADG441 Datasheet HTML 7Page - Analog Devices ADG441 Datasheet HTML 8Page - Analog Devices ADG441 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADG441/ADG442/ADG444
REV. 0
–4–
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+44 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –25 V
VL to GND . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Analog, Digital Inputs
2
. . . . . . . . . . . . VSS – 2 V to VDD + 2 V
or 30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle Max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (T Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . . 900 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . 76
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . +300
°C
Plastic Package, Power Dissipation . . . . . . . . . . . . . . . 470 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 177
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . +260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . . 600 mW
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . 77
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. Only
one absolute maximum rating may be applied at any one time.
2Overvoltages at IN, S or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
ADG441/ADG442 PIN CONFIGURATION (DIP/SOIC)
NC = NO CONNECT
IN1
D1
IN2
D2
GND
S4
D4
NC
S3
D3
S1
VSS
S2
VDD
IN4
IN3
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
ADG441
ADG442
ADG444 PIN CONFIGURATION (DIP/SOIC)
TERMINOLOGY
VDD
Most Positive Power Supply Potential.
VSS
Most Negative Power Supply Potential in dual
supplies. In single supply applications, it may be
connected to ground.
VL
Logic Power Supply (+5 V).
GND
Ground (0 V) Reference.
S
Source Terminal. May be an input or output.
D
Drain Terminal. May be an input or output.
IN
Logic Control Input.
RON
Ohmic resistance between D and S.
RON Match
Difference between the RON of any two channels.
IS (OFF)
Source leakage current with the switch “OFF.”
ID (OFF)
Drain leakage current with the switch “OFF.”
ID, IS (ON)
Channel leakage current with the switch “ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” Switch Source Capacitance.
CD (OFF)
“OFF” Switch Drain Capacitance.
CD, CS (ON)
“ON” Switch Capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tOPEN
Break-Before-Make Delay when switches are
configured as a multiplexer.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through
an “OFF” switch.
Charge
A measure of the glitch impulse transferred from
Injection
the digital input to the analog output during
switching.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although these devices feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
IN1
D1
IN2
D2
GND
S4
D4
V
L
S3
D3
S1
V
SS
S2
V
DD
IN4
IN3
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
ADG444



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com