Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG511ABR Datasheet(PDF) 6 Page - Analog Devices

Part # ADG511ABR
Description  LC2MOS Precision 5 V/3 V Quad SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG511ABR Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG511ABR Datasheet HTML 2Page - Analog Devices ADG511ABR Datasheet HTML 3Page - Analog Devices ADG511ABR Datasheet HTML 4Page - Analog Devices ADG511ABR Datasheet HTML 5Page - Analog Devices ADG511ABR Datasheet HTML 6Page - Analog Devices ADG511ABR Datasheet HTML 7Page - Analog Devices ADG511ABR Datasheet HTML 8Page - Analog Devices ADG511ABR Datasheet HTML 9Page - Analog Devices ADG511ABR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ADG511/ADG512/ADG513
REV. B
–6–
PIN CONFIGURATION
(DIP/SOIC)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
D1
S1
VSS
GND
S4
D4
IN4
IN2
D2
S2
VDD
NC
S3
D3
IN3
ADG511
ADG512
ADG513
NC = NO CONNECT
Truth Table (ADG511/ADG512)
ADG511
ADG512
Switch
In
In
Condition
01
ON
1
0
OFF
Truth Table (ADG513)
Switch
Switch
Logic
1, 4
2, 3
0
OFF
ON
1
ON
OFF
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in
dual supplies. In single supply applications,
it may be connected to GND.
GND
Ground (0 V) reference.
S
Source terminal. May be an input or output.
D
Drain terminal. May be an input or output.
IN
Logic control input.
RON
Ohmic resistance between D and S.
IS (OFF)
Source leakage current with the switch
“OFF.”
ID (OFF)
Drain leakage current with the switch
“OFF.”
ID, IS (ON)
Channel leakage current with the switch
“ON.”
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
“OFF” switch source capacitance.
CD (OFF)
“OFF” switch drain capacitance.
CD, CS (ON)
“ON” switch capacitance.
tON
Delay between applying the digital control
input and the output switching on.
tOFF
Delay between applying the digital control
input and the output switching off.
tD
“OFF” or “ON” time measured between the
90% points of both switches when switching
from one address state to another.
Crosstalk
A measure of unwanted signal which is
coupled through from one channel to an-
other as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” switch.
Charge Injection
A measure of the glitch impulse transferred
from the digital input to the analog output
during switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com