Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG511ABR Datasheet(PDF) 8 Page - Analog Devices

Part # ADG511ABR
Description  LC2MOS Precision 5 V/3 V Quad SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG511ABR Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG511ABR Datasheet HTML 3Page - Analog Devices ADG511ABR Datasheet HTML 4Page - Analog Devices ADG511ABR Datasheet HTML 5Page - Analog Devices ADG511ABR Datasheet HTML 6Page - Analog Devices ADG511ABR Datasheet HTML 7Page - Analog Devices ADG511ABR Datasheet HTML 8Page - Analog Devices ADG511ABR Datasheet HTML 9Page - Analog Devices ADG511ABR Datasheet HTML 10Page - Analog Devices ADG511ABR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ADG511/ADG512/ADG513
REV. B
–8–
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0.008
0.000
–0.006
–5
5
–4
–3
–2
–1
0
1
234
0.004
0.002
–0.002
–0.004
VDD = +5V
VSS = –5V
TA = +25 C
ID (OFF)
ID (ON)
IS (OFF)
Figure 7. Leakage Currents as a Function of VD (VS)
FREQUENCY – Hz
110
100
60
100
10M
1k
10k
100k
1M
90
80
70
VDD = +5V
VSS = –5V
Figure 8. Crosstalk vs. Frequency
APPLICATION
Figure 9 illustrates a precise sample-and-hold circuit. An AD845
is used as the input buffer while the output operational amplifier
is an OP07. During the track mode, SW1 is closed and the
output VOUT follows the input signal VIN. In the hold mode,
SW1 is opened and the signal is held by the hold capacitor CH.
Due to switch and capacitor leakage, the voltage on the hold
capacitor will decrease with time. The ADG511/ADG512/
ADG513 minimizes this droop due to its low leakage specifica-
tions. The droop rate is further minimized by the use of a poly-
styrene hold capacitor. The droop rate for the circuit shown is
typically 15
µV/µs.
A second switch, SW2, which operates in parallel with SW1, is
included in this circuit to reduce pedestal error. Since both
switches will be at the same potential, they will have a differen-
tial effect on the op amp OP07, which will minimize charge
injection effects. Pedestal error is also reduced by the compensation
network RC and CC. This compensation network also reduces
the hold time glitch while optimizing the acquisition time. Using
the illustrated op amps and component values, the pedestal
error has a maximum value of 5 mV over the
±3 V input range.
The acquisition time is 2.5
µs while the settling time is 1.85 µs.
+5V
–5V
2200pF
RC
75
CC
1000pF
CH
2200pF
VOUT
ADG511
ADG512
ADG513
SW1
SW2
S
S
D
D
+5V
–5V
AD845
+5V
–5V
VIN
OP07
Figure 9. Accurate Sample-and-Hold
TRENCH ISOLATION
The MOS devices that make up the ADG511A/ADG512A/
ADG513A are isolated from each other by an oxide layer
(trench) (see Figure 10). When the NMOS and PMOS devices
are not electrically isolated from each other, there exists the
possibility of “latch-up” caused by parasitic junctions between
CMOS transistors. Latch-up is caused when P-N junctions that
are normally reverse biased, become forward biased, causing
large currents to flow. This can be destructive.
CMOS devices are normally isolated from each other by
Junction Isolation. In Junction Isolation the N and P wells of the
CMOS transistors form a diode that is reverse biased under
normal operation. However, during overvoltage conditions, this
diode becomes forward biased. A Silicon-Controlled Rectifier
(SCR)-type circuit is formed by the two transistors, causing a
significant amplification of the current that, in turn, leads to
latch-up. With Trench Isolation, this diode is removed; the
result is a latch-up-proof circuit.
BURIED OXIDE LAYER
SUBSTRATE (BACKGATE)
T
R
E
N
C
H
T
R
E
N
C
H
T
R
E
N
C
H
P+
P+
P-CHANNEL
N+
N+
N-CHANNEL
P–
N–
VG
VD
VS
VG
VD
VS
Figure 10. Trench Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com