Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT392RAS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # AT392RAS
Description  240째C Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AT392RAS Datasheet(HTML) 1 Page - Coilcraft lnc.

  AT392RAS Datasheet HTML 1Page - Coilcraft lnc. AT392RAS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
Document AT617-1 Revised 08/23/11
SRF
DCR
Inductance2 %
Q3
min4
max
Imax
Part number1
(nH)
tol
min
(GHz) (mOhm) (A)
AT392RAS8N1_SZ
8.1
5,2
100
4.0
6.0
4.0
AT392RAS12N_SZ
12.1
5,2
100
3.4
7.0
4.0
AT392RAS17N_SZ
16.6
5,2
100
2.9
8.0
4.0
AT392RAS22N_SZ
21.5
5,2
100
2.6
9.0
4.0
AT392RAS27N_SZ
27.3
5,2
100
2.3
10.0
4.0
1. Please specify
tolerance and testing codes:
AT392RAS27NGSZ
Tolerance:
G = 2%, J = 5%
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10003
2. Inductance measured at 400 MHz, 0.1 Vrms, 0 A using an Agilent/
HP 4287A LCR meter or equivalent with a Coilcraft SMD-A test
fixture and Coilcraft-provided correlation pieces.
3. Q measured at 400 MHz using an Agilent/HP 4291A impedance
analyzer or equivalent.
4. SRF measured using an Agilent/HP 8753 network analyzer or
equivalent and a Coilcraft CCF1295 test fixture.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Terminations Tin-lead (63/37) over copper
Ambient temperature –60°C to +185°C with Imax current, +185°C
to +240°C with derated current
Storage temperature Component: –60°C to +240°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
■
Excellent Q factors – up to 130
■
Current handling as high as 4.0 Amps!
■
5 inductance values from 8.1 to 27.3 nH
■
Flat top and bottom for reliable pick and place and me-
chanical stability
■
Special materials allow operation in ambient temperatures
as low as –60°C and up to 240°C.
■
Passes NASA low outgassing specifications
240°C Air Core Inductors
240°C AIR CORE INDUCTORS
AT392RAS


Similar Part No. - AT392RAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT39 ETC2-AT39 Datasheet
221Kb / 1P
QUARTZ CRYSTAL RESONATOR
logo
Fronter Electronics Co....
AT39 FRONTER-AT39 Datasheet
169Kb / 2P
DIP Cylindrical Crystal MHz 3x9 mm
logo
Sensata Technologies, I...
AT394-03-3 SENSATA-AT394-03-3 Datasheet
8Mb / 17P
SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
Rev:06/04/19
logo
Allied Components Inter...
AT3945 ALLIED-AT3945 Datasheet
1Mb / 1P
Audio Transformer
logo
Coilcraft lnc.
AT394RAT13N_SZ COILCRAFT-AT394RAT13N_SZ Datasheet
523Kb / 2P
200째C Air Core Inductors
More results

Similar Description - AT392RAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
Air Core Inductors
logo
API Delevan
4726-22 API-4726-22 Datasheet
321Kb / 1P
Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
Square Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
Air Core Inductors
4726R API-4726R Datasheet
1Mb / 1P
Air Core Inductors
5526R API-5526R Datasheet
1Mb / 1P
Air Core Inductors
logo
Coilcraft lnc.
AT536RAT COILCRAFT-AT536RAT Datasheet
663Kb / 2P
200째C Air Core Inductors
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
Air Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com