Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT392RAS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # AT392RAS
Description  240째C Air Core Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

AT392RAS Datasheet(HTML) 2 Page - Coilcraft lnc.

  AT392RAS Datasheet HTML 1Page - Coilcraft lnc. AT392RAS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
A
D
B
C
E
F
Recommended
Land Pattern
Strip
length
min
max
Part
Weight Tape pocket
number
A
B
C
D
E
F
(mg)
depth (mm)
AT392RAS8N1 1,473 ±0,152 2,134 ±0,152 1,829 ±0,152
1,12
2,8
0,64
12,8
2,01
AT392RAS12N 1,854 ±0,152 2,134 ±0,152 1,829 ±0,152
1,45
2,8
0,64
16,9
1,96
AT392RAS17N 2,210 ±0,152 2,134 ±0,152 1,829 ±0,152
1,83
2,8
0,64
21,1
2,01
AT392RAS22N 2,565 ±0,152 2,134 ±0,152 1,829 ±0,152
2,18
2,8
0,64
24,7
1,98
AT392RAS27N 2,972 ±0,152 2,134 ±0,152 1,829 ±0,152
2,57
2,8
0,64
28,7
1,01
All dimensions are in mm.
240°C AIR CORE INDUCTORS
Document AT617-2 Revised 08/23/11
Irms Derating
Packaging 2000/7
″reel; 7500/13″ reel
Plastic tape: 12 mm wide, 0.254 mm thick, 4 mm pocket spacing
Q vs Frequency
L vs Frequency
AT392RAS Series Air Core Inductors
-60 -40 -20
020406080 100
180 200 240
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com