Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG511TQ Datasheet(PDF) 1 Page - Analog Devices

Part # ADG511TQ
Description  LC2MOS Precision 5 V/3 V Quad SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG511TQ Datasheet(HTML) 1 Page - Analog Devices

  ADG511TQ Datasheet HTML 1Page - Analog Devices ADG511TQ Datasheet HTML 2Page - Analog Devices ADG511TQ Datasheet HTML 3Page - Analog Devices ADG511TQ Datasheet HTML 4Page - Analog Devices ADG511TQ Datasheet HTML 5Page - Analog Devices ADG511TQ Datasheet HTML 6Page - Analog Devices ADG511TQ Datasheet HTML 7Page - Analog Devices ADG511TQ Datasheet HTML 8Page - Analog Devices ADG511TQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FUNCTIONAL BLOCK DIAGRAMS
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG511
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG512
IN1
IN2
IN3
IN4
S1
D1
S2
D2
S3
D3
S4
D4
ADG513
SWITCHES SHOWN FOR A LOGIC "1" INPUT
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
Precision 5 V/3 V Quad SPST Switches
ADG511/ADG512/ADG513
FEATURES
+3 V, +5 V or
5 V Power Supplies
Ultralow Power Dissipation (<0.5
W)
Low Leakage (<100 pA)
Low On Resistance (<50
)
Fast Switching Times
Low Charge Injection
TTL/CMOS Compatible
16-Lead DIP or SOIC Package
APPLICATIONS
Battery Powered Instruments
Single Supply Systems
Remote Powered Equipment
+5 V Supply Systems
Computer Peripherals such as Disk Drives
Precision Instrumentation
Audio and Video Switching
Automatic Test Equipment
Precision Data Acquisition
Sample Hold Systems
Communication Systems
Compatible with
5 V Supply DACs and ADCs such as
AD7840/8, AD7870/1/2/4/5/6/8
GENERAL DESCRIPTION
The ADG511, ADG512 and ADG513 are monolithic CMOS
ICs containing four independently selectable analog switches.
These switches feature low, well-controlled on resistance and
wide analog signal range, making them ideal for precision
analog signal switching.
These switch arrays are fabricated using Analog Devices’
advanced linear compatible CMOS (LC
2MOS) process which
offers the additional benefits of low leakage currents, ultralow
power dissipation and low capacitance for fast switching speeds
with minimum charge injection. These features make the
ADG511, ADG512 and ADG513 the optimum choice for a
wide variety of signal switching tasks in precision analog signal
processing and data acquisition systems.
The ability to operate from single +3 V, +5 V or
±5 V bipolar
supplies make the ADG511, ADG512 and ADG513 perfect for
use in battery-operated instruments, 4–20 mA loop systems and
with the new generation of DACs and ADCs from Analog
Devices. The use of 5 V supplies and reduced operating currents
give much lower power dissipation than devices operating from
±15 V supplies.
The ADG511, ADG512 and ADG513 contain four indepen-
dent SPST switches. The ADG511 and ADG512 differ only in
that the digital control logic is inverted. The ADG511 switch is
turned on with a logic low on the appropriate control input,
while a logic high is required for the ADG512. The ADG513
contains two switches whose digital control logic is similar to
that of the ADG511 while the logic is inverted in the remaining
two switches.
PRODUCT HIGHLIGHTS
1. +5 Volt Single Supply Operation
The ADG511/ADG512/ADG513 offers high performance,
including low on resistance and wide signal range, fully
specified and guaranteed with +3 V,
±5 V as well as +5 V
supply rails.
2. Ultralow Power Dissipation
CMOS construction ensures ultralow power dissipation.
3. Low RON
4. Break-Before-Make Switching
Switches are guaranteed to have break-before-make opera-
tion. This allows multiple outputs to be tied together for
multiplexer applications without the possibility of momentary
shorting between channels.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999


Similar Part No. - ADG511TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG511TQ AD-ADG511TQ Datasheet
144Kb / 12P
LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511TQ4 AD-ADG511TQ4 Datasheet
134Kb / 12P
LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511TQ4 AD-ADG511TQ4 Datasheet
134Kb / 12P
a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
More results

Similar Description - ADG511TQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG661 AD-ADG661 Datasheet
123Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV.0
ADG511BRZ AD-ADG511BRZ Datasheet
144Kb / 12P
LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG513BRZ-REEL7 AD-ADG513BRZ-REEL7 Datasheet
134Kb / 12P
LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ-REEL AD-ADG512BRZ-REEL Datasheet
134Kb / 12P
a LC2MOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512BRZ AD-ADG512BRZ Datasheet
144Kb / 12P
LCMOS Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
Precision 5 V/3 V Quad SPST Switches
REV. C
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
Precision 5 V Quad SPST Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com