Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML466PJB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML466PJB
Description  High-Reliability Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML466PJB Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML466PJB Datasheet HTML 1Page - Coilcraft lnc. ML466PJB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
These parts are preproduction products for electrical evaluation only.
Specification subject to change without notice.
5030 POWER INDUCTORS
Document ML581-1 Revised 07/18/11
DCR
Isat (A)5
Irms (A)6
Inductance2
max3 SRF (MHz)
4 10% 20%
30% 20°C 40°C
Part number1
±20% (µH)
(Ohms) min
typ drop drop
drop rise
rise
ML466PJB901MLZ
0.90
0.040 175 250
3.8
4.0
4.1
1.7
2.2
ML466PJB122MLZ
1.2
0.043 147 210
3.5
3.6
3.7
1.6
2.1
ML466PJB172MLZ
1.7
0.051 133 190
3.0
3.2
3.3
1.5
2.0
ML466PJB222MLZ
2.2
0.057 118 168
2.9
3.1
3.2
1.3
1.7
ML466PJB332MLZ
3.3
0.066
88 125
2.3
2.5
2.6
1.1
1.4
ML466PJB472MLZ
4.7
0.083
59
84
1.9
2.0
2.0
1.0
1.4
ML466PJB562MLZ
5.6
0.089
49
70
1.8
1.8
1.9
1.0
1.3
ML466PJB682MLZ
6.8
0.099
39
56
1.6
1.7
1.7
1.0
1.3
ML466PJB822MLZ
8.2
0.125
32
45
1.6
1.7
1.7
0.88 1.2
ML466PJB103MLZ
10.0
0.127
21
30
1.4
1.4
1.4
0.80 1.2
ML466PJB123MLZ
12.0
0.155
17
24
1.3
1.4
1.4
0.76 1.1
ML466PJB153MLZ
15.0
0.160
22
32
0.80 0.90 0.90 0.74 1.1
ML466PJB183MLZ
18.0
0.170
19
27
0.80 0.82 0.87 0.72 1.0
ML466PJB223MLZ
22.0
0.190
17
24
0.70 0.75 0.78 0.70 1.0
ML466PJB333MLZ
33.0
0.260
13
19
0.60 0.63 0.64 0.68 0.96
ML466PJB473MLZ
47.0
0.330
11.0 16
0.50 0.53 0.55 0.60 0.80
ML466PJB683MLZ
68.0
0.440
8.4 12
0.40 0.43 0.44 0.52 0.72
ML466PJB823MLZ
82.0
0.470
7.7 11
0.38 0.40 0.40 0.48 0.66
ML466PJB104MLZ
100
0.600
7.0 10
0.27 0.31 0.32 0.44 0.60
ML466PJB124MLZ
120
0.800
6.3
9.0
0.26 0.29 0.30 0.36 0.53
ML466PJB154MLZ
150
0.860
5.3
7.5
0.22 0.25 0.263 0.34 0.46
ML466PJB224MLZ
220
1.35
4.2
6.0
0.21 0.235 0.245 0.29 0.40
ML466PJB334MLZ
330
1.80
3.5
5.0
0.155 0.155 0.200 0.26 0.34
ML466PJB474MLZ
470
2.80
2.8
4.0
0.117 0.134 0.146 0.22 0.30
ML466PJB564MLZ
560
3.20
2.5
3.6
0.110 0.130 0.140 0.18 0.26
ML466PJB684MLZ
680
3.80
2.1
3.0
0.100 0.120 0.126 0.16 0.23
ML466PJB105MLZ
1000
5.10
1.8
2.5
0.100 0.110 0.110 0.14 0.20
ML466PJB155MLZ
1500
7.60
1.4
2.0
0.068 0.080 0.089 0.12 0.17
ML466PJB185MLZ
1800
10.0
1.3
1.8
0.069 0.081 0.086 0.10 0.14
ML466PJB225MLZ
2200
11.0
1.1
1.6
0.063 0.074 0.080 0.080 0.12
ML466PJB335MLZ
3300
19.5
0.90 1.3
0.056 0.063 0.067 0.070 0.10
ML466PJB475MLZ
4700
26.0
0.80 1.1
0.049 0.056 0.059 0.065 0.090
High-Reliability PowerInductors ML466PJB
Core material Ferrite
Terminations Silver-palladium-platinum-glass frit
Weight 226 – 244 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 750/7
″reel
Plastic tape: 12 mm wide, 0.32 mm thick, 8 mm pocket spacing,
3.1 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
■
High temperature materials allow operation in ambient
temperatures up to 155°C.
■
Special construction allows it to pass vibration testing to
80 G and shock testing to 1000 G.
1. When ordering, please specify
testing code:
ML466PJB475MLZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms using
an Agilent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753ES or
equivalent.
5. Typical DC current that causes the specified
inductance drop from its value without current.
6. Typical current that causes the specified tem-
perature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Com-
ponents” before soldering.


Similar Part No. - ML466PJB

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4662 MICRO-LINEAR-ML4662 Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4662CQ MICRO-LINEAR-ML4662CQ Datasheet
239Kb / 12P
10BASE-FL Transceiver
ML4663 MICRO-LINEAR-ML4663 Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4663CQ MICRO-LINEAR-ML4663CQ Datasheet
204Kb / 15P
Single Chip 10BASE-FL Transceiver
ML4664 MICRO-LINEAR-ML4664 Datasheet
286Kb / 16P
10BASE-FL to 10BASE-T Converter
More results

Similar Description - ML466PJB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com