Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS433PYA Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # MS433PYA
Description  High Reliability Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS433PYA Datasheet(HTML) 3 Page - Coilcraft lnc.

  MS433PYA Datasheet HTML 1Page - Coilcraft lnc. MS433PYA Datasheet HTML 2Page - Coilcraft lnc. MS433PYA Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
MS433PYAHighReliabilityPowerInductors
4020 POWER INDUCTORS
Document MS806-2 Revised 01/18/12
Dimensions are in
inches
mm
L vs Frequency
0.1
1
10
0.1
1
100
10
Frequency (MHz)
2.2 µH
1.5 µH
1.0 µH
0.60 µH
0.40 µH
0.22 µH
0.157 ±0.012
4,0 ±0,3
0.157 ±0.012
4,0 ±0,3
0.083
2,10
0.128 ±0.008
3,26 ±0,20
0.031 ±0.002
0,85 ±0,05
0.062 ±0.010
1,57 ±0,25
0.038
0,98
max
0.093
2,37
0.134
3,4
Recommended
Land Pattern
Dash
number
Orientation
bar
Suggested
Land Pattern
ESR vs Frequency
0
5
10
15
20
25
30
35
40
45
50
0.1
1
100
10
Frequency (MHz)
Irms Derating
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com