Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS433PYA Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS433PYA
Description  High Reliability Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS433PYA Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS433PYA Datasheet HTML 1Page - Coilcraft lnc. MS433PYA Datasheet HTML 2Page - Coilcraft lnc. MS433PYA Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
4020 POWER INDUCTORS
Document MS806-1 Revised 01/18/12
Terminations Tin-lead (63/37) over copper.
Core material Composite
Weight 0.17 – 0.18 g
Ambient temperature –55°C to +105°C with Irms current, +105°C to
+155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 1000/7
″reel; 3500/13″ reel
Plastic tape: 12 mm wide, 0.23 mm thick, 8 mm pocket spacing,
2.3 mm pocket depth
I
High temperature materials allow operation in ambient
temperatures up to 155°C
I
Tin-lead (Sn-Pb) termination for the best possible board
adhesion
I
Exceptionally low DCR – 5.81 mOhm
I
Soft saturation makes them ideal for VRM/VRD applications.
HighReliabilityPowerInductors MS433PYA
1. When ordering, please specify
testing code:
MS433PYA222MSZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops 30% from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Irms Testing
Irms testing was performed on 0.75 inch
wide × 0.25 inch thick copper traces in
still air.
Temperature rise is highly dependent on
many factors including pcb land pattern,
trace size, and proximity to other compo-
nents. Therefore temperature rise should
be verified in application conditions.
Inductance2
DCR (mOhms)3
SRF (MHz)4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
(A)
20°C rise 40°C rise
MS433PYA221MSZ
0.22
5.81
6.40
153
191
18.7
12.0
16.8
MS433PYA401MSZ
0.40
7.55
8.30
116
145
12.5
10.0
14.0
MS433PYA601MSZ
0.60
9.50
10.45
85
106
10.4
7.9
11.7
MS433PYA102MSZ
1.0
13.25
14.60
63
79
8.7
6.7
9.6
MS433PYA152MSZ
1.5
21.45
23.60
51
64
7.1
5.2
7.5
MS433PYA222MSZ
2.2
35.20
38.70
42
52
5.6
4.0
5.5


Similar Part No. - MS433PYA

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS433PZA102MSZ COILCRAFT-MS433PZA102MSZ Datasheet
271Kb / 2P
High Reliability Power Inductors
MS433PZA152MSZ COILCRAFT-MS433PZA152MSZ Datasheet
271Kb / 2P
High Reliability Power Inductors
MS433PZA222MSZ COILCRAFT-MS433PZA222MSZ Datasheet
271Kb / 2P
High Reliability Power Inductors
MS433PZA332MSZ COILCRAFT-MS433PZA332MSZ Datasheet
271Kb / 2P
High Reliability Power Inductors
More results

Similar Description - MS433PYA

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
High Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
High-Reliability Power Inductors
MS319PZA COILCRAFT-MS319PZA Datasheet
263Kb / 2P
High-Reliability Power Inductors
MS369PJB COILCRAFT-MS369PJB Datasheet
272Kb / 2P
High Reliability Power Inductors
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
High Reliability Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com