Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1020 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1020
Description  8-Lead, Low-Cost, System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1020 Datasheet(HTML) 1 Page - Analog Devices

  ADM1020 Datasheet HTML 1Page - Analog Devices ADM1020 Datasheet HTML 2Page - Analog Devices ADM1020 Datasheet HTML 3Page - Analog Devices ADM1020 Datasheet HTML 4Page - Analog Devices ADM1020 Datasheet HTML 5Page - Analog Devices ADM1020 Datasheet HTML 6Page - Analog Devices ADM1020 Datasheet HTML 7Page - Analog Devices ADM1020 Datasheet HTML 8Page - Analog Devices ADM1020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1020
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
8-Lead, Low-Cost, System
Temperature Monitor
FUNCTIONAL BLOCK DIAGRAM
LOCAL TEMPERATURE
LOW LIMIT COMPARATOR
LOCAL TEMPERATURE
HIGH LIMIT COMPARATOR
REMOTE TEMPERATURE
LOW LIMIT COMPARATOR
REMOTE TEMPERATURE
HIGH LIMIT COMPARATOR
REMOTE TEMPERATURE
VALUE REGISTER
LOCAL TEMPERATURE
VALUE REGISTER
RUN/STANDBY
8-BIT A-TO-D
CONVERTER
BUSY
ANALOG
MUX
ON-CHIP TEMP.
SENSOR
D+
D–
STATUS REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
REMOTE TEMPERATURE
LOW LIMIT REGISTER
REMOTE TEMPERATURE
HIGH LIMIT REGISTER
CONFIGURATION
REGISTER
CONVERSION RATE
REGISTER
ONE-SHOT
REGISTER
ADDRESS POINTER
REGISTER
INTERRUPT
MASKING
ALERT
ADM1020
SMBUS INTERFACE
EXTERNAL DIODE OPEN-CIRCUIT
VDD
GND
SDATA
SCLK
ADD
PRODUCT DESCRIPTION
The ADM1020 is a two-channel digital thermometer and
under/over temperature alarm, intended for use in personal
computers and other systems requiring thermal monitoring and
management. The device can measure the temperature of a
microprocessor using a diode-connected NPN or PNP transis-
tor, which may be provided on-chip in the case of the Pentium
®
II or similar processors, or can be a low-cost discrete device
such as the 2N3904. A novel measurement technique cancels
out the absolute value of the transistor’s base emitter voltage, so
that no calibration is required. The second measurement chan-
nel measures the output of an on-chip temperature sensor, to
monitor the temperature of the device and its environment.
The ADM1020 communicates over a two-wire serial interface
compatible with System Management Bus (SMBus) standards.
Under and over temperature limits can be programmed into the
devices over the serial bus, and an ALERT output signals when
the on-chip or remote temperature is out of range. This output
can be used as an interrupt, or as an SMBus alert.
SMBus is a trademark of Intel Corporation.
Pentium is a registered trademark of Intel Corporation.
FEATURES
On-Chip and Remote Temperature Sensing
No Calibration Necessary
1 C Accuracy for On-Chip Sensor
3 C Accuracy for Remote Sensor
Programmable Over/Under Temperature Limits
Programmable Conversion Rate
2-Wire SMBus™ Serial Interface
Supports SMBus Alert
70
A Max Operating Current
3
A Standby Current
+3 V to +5.5 V Supply
8-Lead SOIC Package
APPLICATIONS
Desktop Computers
Notebook Computers
Smart Batteries
Industrial Controllers
Telecommunication Equipment
Instrumentation


Similar Part No. - ADM1020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
More results

Similar Description - ADM1020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
logo
Faraday Technology
TFV1350F FARADAY-TFV1350F Datasheet
56Kb / 2P
LOW COST MONITOR FILTERS
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
Local System Temperature Monitor
October, 2013 ??Rev. 13
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com