Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1021 Datasheet (PDF) - Analog Devices

ADM1021 Datasheet PDF - Analog Devices
Part # ADM1021
Download  ADM1021 Download
File Size   139.79 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Microprocessor System Temperature Monitor

ADM1021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1021 Datasheet PDF - Analog Devices

Part # ADM1021
Download  ADM1021 Click to download

File Size   139.79 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Microprocessor System Temperature Monitor

ADM1021 Datasheet (HTML) - Analog Devices


ADM1021 Product details

PRODUCT DESCRIPTION
The ADM1021 is a two-channel digital thermometer and under/over temperature alarm, intended for use in personal computers and other systems requiring thermal monitoring and management.
   
FEATURES
    Improved Replacement for MAX1617
    On-Chip and Remote Temperature Sensing
    No Calibration Necessary
    1°C Accuracy for On-Chip Sensor
    3°C Accuracy for Remote Sensor
    Programmable Over/Under Temperature Limits
    Programmable Conversion Rate
    2-Wire SMBus Serial Interface
    Supports System Management Bus (SMBus™) Alert
    70 μA Max Operating Current
    3 μA Standby Current
    3 V to 5.5 V Supply
    Small 16-Lead QSOP Package
   
APPLICATIONS
    Desktop Computers
    Notebook Computers
    Smart Batteries
    Industrial Controllers
    Telecomms Equipment
    Instrumentation
   




Similar Part No. - ADM1021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM1021AARQ AD-ADM1021AARQ Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM1021AARQ-REEL AD-ADM1021AARQ-REEL Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM1021AARQ-REEL7 AD-ADM1021AARQ-REEL7 Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
More results


Similar Description - ADM1021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
Evaluation Board for Microprocessor System Temperature Monitor
REV.B
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com