Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1021 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1021
Description  Low Cost Microprocessor System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1021 Datasheet(HTML) 3 Page - Analog Devices

  ADM1021 Datasheet HTML 1Page - Analog Devices ADM1021 Datasheet HTML 2Page - Analog Devices ADM1021 Datasheet HTML 3Page - Analog Devices ADM1021 Datasheet HTML 4Page - Analog Devices ADM1021 Datasheet HTML 5Page - Analog Devices ADM1021 Datasheet HTML 6Page - Analog Devices ADM1021 Datasheet HTML 7Page - Analog Devices ADM1021 Datasheet HTML 8Page - Analog Devices ADM1021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM1021
–3–
REV. 0
ABSOLUTE MAXIMUM RATINGS*
Positive Supply Voltage (VDD) to GND . . . . . . . –0.3 V to +6 V
D+, ADD0, ADD1 . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
D– to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.6 V
SCLK, SDATA,
ALERT, STBY . . . . . . . . . . . . –0.3 V to +6 V
Input Current, SDATA . . . . . . . . . . . . . . . . –1 mA to +50 mA
Input Current, D– . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1 mA
ESD Rating, all pins (Human Body Model) . . . . . . . . 2000 V
Continuous Power Dissipation
Up to +70
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 650 mW
Derating above +70
°C . . . . . . . . . . . . . . . . . . . . 6.7 mW/°C
Operating Temperature Range . . . . . . . . . . –55
°C to +125°C
Maximum Junction Temperature (TJ max) . . . . . . . . . +150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering
Vapor Phase 60 sec . . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared 15 sec . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +200
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
16-Lead QSOP Package:
θ
JA = 150
°C/Watt.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1021ARQ
0
°C to +85°C
16-Lead QSOP RQ-16
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1, 16
TEST
Test pin for factory use only. See
note.
2VDD
Positive supply, +3 V to +5.5 V.
3
D+
Positive connection to remote tem-
perature sensor.
4
D–
Negative connection to remote tem-
perature sensor.
5, 9, 13
NC
No Connect.
6
ADD1
Three-state logic input, higher bit of
device address.
7, 8
GND
Supply 0 V connection.
10
ADD0
Three-state logic input, lower bit of
device address.
11
ALERT
Open-drain logic output used as
interrupt or SMBus alert.
12
SDATA
Logic input/output, SMBus serial
data. Open-drain output.
14
SCLK
Logic input, SMBus serial clock.
15
STBY
Logic input selecting normal opera-
tion (high) or standby mode (low).
NOTE
Pins 1 and 16 are reserved for test purposes. Ideally these pins should be left
unconnected. If routing through these pins is required, then both should be at
the same potential (i.e., connected together).
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
TEST
VDD
D+
D–
NC
ADD1
GND
GND
TEST
STBY
SCLK
NC
SDATA
ALERT
ADD0
NC
ADM1021
PROTOCOL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
SCL
SDA
PROTOCOL
SCL
SDA
tLOW
tHIGH
1/fSCL
tR
tF
BIT 0
LSB
(R/
W)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
Figure 1. Diagram for Serial Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com