Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1021 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1021
Description  Low Cost Microprocessor System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1021 Datasheet(HTML) 4 Page - Analog Devices

  ADM1021 Datasheet HTML 1Page - Analog Devices ADM1021 Datasheet HTML 2Page - Analog Devices ADM1021 Datasheet HTML 3Page - Analog Devices ADM1021 Datasheet HTML 4Page - Analog Devices ADM1021 Datasheet HTML 5Page - Analog Devices ADM1021 Datasheet HTML 6Page - Analog Devices ADM1021 Datasheet HTML 7Page - Analog Devices ADM1021 Datasheet HTML 8Page - Analog Devices ADM1021 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM1021–Typical Performance Characteristics
–4–
REV. 0
LEAKAGE RESISTANCE – M
30
20
–60
1
100
3.3
10
30
–10
–30
–40
–50
10
0
–20
DXP TO GND
DXP TO VCC (5V)
Figure 2. Temperature Error vs. PC Board Track Resistance
FREQUENCY – Hz
6
–1
50
50M
500
5k
50k
500k
5M
5
4
3
1
0
2
250mV p-p REMOTE
100mV p-p REMOTE
Figure 3. Temperature Error vs. Power Supply Noise
Frequency
FREQUENCY – Hz
–5
50
50M
500
5k
50k
500k
5M
25
20
15
5
0
10
25mV p-p
50mV p-p
100mV p-p
Figure 4. Temperature Error vs. Common-Mode Noise
Frequency
MEASURED TEMPERATURE
0
110
10
20
30
40
50
120
20
30
0
10
40
50
60
70
80
90
100
60
70
80
90
100
Figure 5. Pentium II Temperature Measurement vs.
ADM1021 Reading
DXP-DXN CAPACITANCE – nF
25
20
–5
110
2.2
3.2
4.7
7
15
10
5
0
Figure 6. Temperature Error vs. Capacitance Between
D+ and D–
SCLK FREQUENCY – Hz
80
30
0
0
1M
1k
5k
10k
25k
50k
75k 100k 250k 500k 750k
70
40
20
10
60
50
VCC = +5V
VCC = +3V
Figure 7. Standby Supply Current vs. Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com