Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1022 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1022
Description  Low-Cost PC Temperature Monitor and Fan Control ASIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1022 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1022 Datasheet HTML 9Page - Analog Devices ADM1022 Datasheet HTML 10Page - Analog Devices ADM1022 Datasheet HTML 11Page - Analog Devices ADM1022 Datasheet HTML 12Page - Analog Devices ADM1022 Datasheet HTML 13Page - Analog Devices ADM1022 Datasheet HTML 14Page - Analog Devices ADM1022 Datasheet HTML 15Page - Analog Devices ADM1022 Datasheet HTML 16Page - Analog Devices ADM1022 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
REV. 0
ADM1022
–13–
THERM INPUT/OUTPUT
Pin 11 may be configured as an input for a second temperature
sensor by setting Bit 7 of the Configuration Register, or it may
be used as an interrupt output by clearing Bit 7 of the Configu-
ration Register, which is its default condition. The Thermal
Management Input/Output (
THERM) is a logic input/open-
drain output. It can also function as a logic input. If
THERM is
taken low by an external source, the analog output will be forced
to FFh to switch a controlled fan to maximum speed and
FAN_OFF will be negated.
THERM OPERATING MODE
THERM responds only to the “hardware” temperature limits
at addresses 13h, 14h, 17h and 18h, not to the software pro-
grammed limits. The function of these registers was described
earlier with regard to fault tolerant fan speed control.
HARDWARE
TRIP POINT
THERM
ANALOG
OUTPUT
TEMP
PROGRAMMED
VALUE
FFH
FFH
5
EXT
THERM
INPUT
Figure 16. Operation of
THERM Output
THERM will go low if the hardware temperature limit is exceeded
for three consecutive measurements. It will remain low until the
temperature falls five degrees below the limit for three con-
secutive measurements. While
THERM is low, the analog
output will go to FFh to boost a controlled fan to full speed
and
FAN_OFF will be negated.
When the Fault Tolerant Fan Control state is exited, the analog
FAN_SPD output returns to its previously programmed value,
which may have been changed during the time that the FAN_SPD
output was forced to FFh.
INTERRUPT STRUCTURE
The Interrupt Structure of the ADM1022 is shown in more
detail in Figure 17. As each measurement value is obtained and
stored in the appropriate value register, the value and the limits
from the corresponding limit registers are fed to the high and
low limit comparators. The result of each comparison (1 = out
of limit, 0 = in limit) is routed to the corresponding bit input of
the Interrupt Status Register via a data demultiplexer, and used
to set that bit high or low as appropriate.
The Interrupt Mask Register has bits corresponding to each of
the Interrupt Status Register Bits. Setting an Interrupt Mask Bit
high forces the corresponding Status Bit output low, while set-
ting an Interrupt Mask Bit low allows the corresponding Status
Bit to be asserted. After masking, the status bits are all OR’d
together to produce the
INT output, which will pull low if any
unmasked status bit goes high, i.e., when any measured value
goes out of limit.
The
INT output is enabled when Bit 1 of the Configuration Register
(
INT_Enable) is high, and Bit 2 (INT_Clear) is low.
The
THERM output cannot be cleared nor its interrupt sources
masked.
STATUS
BIT
MASK
BIT
MASK GATING
8
HIGH
LIMIT
VALUE
LOW
LIMIT
FROM
VALUE
AND LIMIT
REGISTERS
1 = OUT
OF
LIMIT
GPI
INT. TEMP
EXT. TEMP2
DIODE 2 FAULT
RESERVED
GPI
EXT. TEMP1
THERM
DIODE 1 FAULT
0
1
2
3
4
5
6
7
MASKING
DATA
FROM BUS
8 MASK BITS
(SAME BIT
ORDER AS
STATUS
REGISTER)
THIS CONNECTION ONLY RELEVANT IF
THERM IS PULLED LOW EXTERNALLY.
D2–/
THERM
CONFIGURATION
REGISTER
INT_ENABLE
INT_CLEAR
INT
HIGH
AND
LOW
LIMIT
COMPARA-
TORS
INTERRUPT
MASK
REGISTER
INTERRUPT
STATUS
REGISTER
DATA
DEMULTI-
PLEXER
Figure 17. Interrupt Register Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com