Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1022 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1022
Description  Low-Cost PC Temperature Monitor and Fan Control ASIC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1022 Datasheet(HTML) 1 Page - Analog Devices

  ADM1022 Datasheet HTML 1Page - Analog Devices ADM1022 Datasheet HTML 2Page - Analog Devices ADM1022 Datasheet HTML 3Page - Analog Devices ADM1022 Datasheet HTML 4Page - Analog Devices ADM1022 Datasheet HTML 5Page - Analog Devices ADM1022 Datasheet HTML 6Page - Analog Devices ADM1022 Datasheet HTML 7Page - Analog Devices ADM1022 Datasheet HTML 8Page - Analog Devices ADM1022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1022
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Low-Cost PC Temperature
Monitor and Fan Control ASIC
FUNCTIONAL BLOCK DIAGRAM
2.5V
BANDGAP
REFERENCE
ADDRESS
POINTER
REGISTER
ADC
RESET
GENERATOR 1
ANALOG
MULTIPLEXER
ADM1022
RST1
RST2
D1+
D1–
D2+/GPI
D2–/
THERM
GND
SDA
SCL
ADD/NTEST_OUT
MR
VCC
20k
VCC VMON
FAN_SPD/NTEST_IN
INT
FAN_OFF
LIMIT
COMPARATORS
INTERRUPT
STATUS
REGISTERS
MASK
GATING
CONFIGURATION
REGISTER
SERIAL BUS
INTERFACE
INT MASK
REGISTER
ANALOG
OUTPUT
REGISTER
AND 8-BIT DAC
VALUE AND
LIMIT
REGISTERS
RESET
GENERATOR 2
BANDGAP
TEMPERATURE
SENSOR
FEATURES
External Temperature Measurement with Remote
Diode (Two Channels)
On-Chip Temperature Sensor
Interrupt and Over-Temperature Outputs
Fault Tolerant Fan Control
Brownout Detection
LDCM Support
System Management Bus (SMBus)
Standby Mode to Minimize Power Consumption
Limit Comparison of all Monitored Values
APPLICATIONS
Network Servers and Personal Computers
Microprocessor-Based Office Equipment
Test Equipment and Measuring Instruments
GENERAL DESCRIPTION
The ADM1022 is a low cost temperature monitor and fan con-
troller for microprocessor-based systems. The temperature of
one or two remote sensor diodes may be measured, allowing
monitoring of processor temperature in single- or dual-pro-
cessor systems.
Measured values can be read out via a serial System Manage-
ment Bus, and values for limit comparisons can be programmed
in over the same serial bus.
The ADM1022 also contains a DAC for fan speed control.
Automatic hardware temperature trip points are provided and
the fan will be driven to full speed if they are exceeded.
Finally, the chip has two supply voltage monitors for brownout
detection.
The ADM1022’s 3.0 V to 5.5 V supply voltage range, low supply
current, and SMBus interface make it ideal for a wide range of
applications. These include hardware monitoring and protection
applications in personal computers, electronic test equipment
and office electronics.


Similar Part No. - ADM1022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1020AR-REEL AD-ADM1020AR-REEL Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1020AR-REEL7 AD-ADM1020AR-REEL7 Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
More results

Similar Description - ADM1022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
ADM1025 AD-ADM1025 Datasheet
164Kb / 16P
Low-Cost PC Hardware Monitor ASIC
REV.A
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
EVAL-ADM1028 AD-EVAL-ADM1028 Datasheet
216Kb / 9P
Evaluation Board for PC Temperature Monitor and Fan Control ASIC
logo
ON Semiconductor
ADM1025 ONSEMI-ADM1025 Datasheet
302Kb / 21P
Low Cost PC Hardware Monitor ASIC
February 2008 ??Rev. P5
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com