Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1023 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1023
Description  ACPI-Compliant High-Accuracy Microprocessor System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1023 Datasheet(HTML) 1 Page - Analog Devices

  ADM1023 Datasheet HTML 1Page - Analog Devices ADM1023 Datasheet HTML 2Page - Analog Devices ADM1023 Datasheet HTML 3Page - Analog Devices ADM1023 Datasheet HTML 4Page - Analog Devices ADM1023 Datasheet HTML 5Page - Analog Devices ADM1023 Datasheet HTML 6Page - Analog Devices ADM1023 Datasheet HTML 7Page - Analog Devices ADM1023 Datasheet HTML 8Page - Analog Devices ADM1023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1023*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
FUNCTIONAL BLOCK DIAGRAM
ACPI-Compliant
High-Accuracy Microprocessor
System Temperature Monitor
FEATURES
Next Generation Upgrade to ADM1021
On-Chip and Remote Temperature Sensing
Offset Registers for System Calibration
1 C Accuracy and Resolution on Local Channel
0.125 C Resolution/1 C Accuracy on Remote Channel
Programmable Over/Under Temperature Limits
Programmable Conversion Rate
Supports System Management Bus (SMBus) Alert
2-Wire SMBus Serial Interface
200
A Max Operating Current (0.25 Conversions/
Seconds)
1
A Standby Current
3 V to 5.5 V Supply
Small 16-Lead QSOP Package
APPLICATIONS
Desktop Computers
Notebook Computers
Smart Batteries
Industrial Controllers
Telecomms Equipment
Instrumentation
PRODUCT DESCRIPTION
The ADM1023 is a two-channel digital thermometer and under/
over temperature alarm, intended for use in personal computers
and other systems requiring thermal monitoring and management.
Optimized for the Pentium
® III; the higher accuracy offered
allows systems designers to safely reduce temperature guard
banding and increase system performance. The device can
measure the temperature of a microprocessor using a diode-con-
nected PNP transistor, which may be provided on-chip in the
case of the Pentium III or similar processors, or can be a low
cost discrete NPN/PNP device such as the 2N3904/2N3906.
A novel measurement technique cancels out the absolute value
of the transistor’s base emitter voltage, so that no calibration
is required. The second measurement channel measures the
output of an on-chip temperature sensor, to monitor the tem-
perature of the device and its environment.
The ADM1023 communicates over a 2-wire serial interface
compatible with SMBus standards. Under and over tempera-
ture limits can be programmed into the device over the serial
bus, and an
ALERT output signals when the on-chip or remote
temperature is out of range. This output can be used as an
interrupt, or as an SMBus alert.
*Patents pending.
Pentium is a registered trademark of Intel Corporation.
ON-CHIP
TEMPERATURE
SENSOR
A-TO-D
CONVERTER
BUSY
RUN/STANDBY
EXTERNAL DIODE OPEN-CIRCUIT
ADDRESS POINTER
REGISTER
ONE-SHOT
REGISTER
CONVERSION RATE
REGISTER
OFFSET
REGISTERS
REMOTE TEMPERATURE
HIGH-LIMIT REGISTERS
CONFIGURATION
REGISTER
INTERRUPT
MASKING
SMBUS INTERFACE
LOCAL TEMPERATURE
LOW-LIMIT COMPARATOR
LOCAL TEMPERATURE
HIGH-LIMIT COMPARATOR
REMOTE TEMPERATURE
LOW-LIMIT COMPARATOR
REMOTE TEMPERATURE
HIGH-LIMIT COMPARATOR
REMOTE TEMPERATURE
VALUE REGISTERS
LOCAL TEMPERATURE
VALUE REGISTER
STATUS REGISTER
NC
VDD
GND
NC
GND
NC
NC
NC
SDATA
SCLK
ADD0
ADD1
ALERT
STBY
D+
D–
REMOTE TEMPERATURE
LOW-LIMIT REGISTERS
LOCAL TEMPERATURE
HIGH-LIMIT REGISTER
LOCAL TEMPERATURE
LOW-LIMIT REGISTER
ANALOG
MUX
NC = NO CONNECT
ADM1023


Similar Part No. - ADM1023

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023 ONSEMI-ADM1023 Datasheet
236Kb / 16P
ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
April, 2012 ??Rev. 10
ADM1023ARQZ ONSEMI-ADM1023ARQZ Datasheet
165Kb / 16P
ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-R7 ONSEMI-ADM1023ARQZ-R7 Datasheet
165Kb / 16P
ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
ADM1023ARQZ-REEL ONSEMI-ADM1023ARQZ-REEL Datasheet
165Kb / 16P
ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
More results

Similar Description - ADM1023

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10
logo
National Semiconductor ...
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023 Datasheet
165Kb / 16P
ACPI-Compliant, High Accuracy Microprocessor System Temperature Monitor
May, 2010 ??Rev. 9
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
ON Semiconductor
ADM1023 ONSEMI-ADM1023_12 Datasheet
236Kb / 16P
ACPI?륝ompliant, High Accuracy Microprocessor System Temperature Monitor
April, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com