Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024ARU Datasheet(PDF) 26 Page - Analog Devices

Part # ADM1024ARU
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024ARU Datasheet(HTML) 26 Page - Analog Devices

Back Button ADM1024ARU Datasheet HTML 20Page - Analog Devices ADM1024ARU Datasheet HTML 21Page - Analog Devices ADM1024ARU Datasheet HTML 22Page - Analog Devices ADM1024ARU Datasheet HTML 23Page - Analog Devices ADM1024ARU Datasheet HTML 24Page - Analog Devices ADM1024ARU Datasheet HTML 25Page - Analog Devices ADM1024ARU Datasheet HTML 26Page - Analog Devices ADM1024ARU Datasheet HTML 27Page - Analog Devices ADM1024ARU Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADM1024
–26–
REV. 0
Table XII. Register 43h,
INT Interrupt Mask Register 1 (Power-On Default = 00h)
Bit
Name
R/
W
Description
0
2.5 V/Ext. Temp2
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
1VCCP1
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
2VCC
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
3
5 V
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
4
Int. Temp
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
5
Ext. Temp1
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
6
FAN1/AIN1
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
7
FAN2/AIN2
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
Table XIII. Register 44h,
INT Mask Register 2 (Power-On Default = 00h)
Bit
Name
R/
W
Description
0
12 V
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
1VCCP2
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
2
Reserved
Read/
Write
Power-up default set to Low.
3
Reserved
Read/
Write
Power-up default set to Low.
4
CI
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
5
THERM (Input)
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
6
D1 Fault
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
7
D2 Fault
Read/
Write
A one disables the corresponding interrupt status bit for
INT interrupt.
Table XIV. Register 46h, Chassis Intrusion Clear (Power-On Default = 00h)
Bit
Name
R/
W
Description
0–6
Reserved
Read Only
Undefined, always reads as 00h.
7
Chassis Int. Clear
Read/
Write
A one outputs a minimum 20 ms active low pulse on the Chassis Intrusion
pin. The register bit clears itself after the pulse has been output.
Table XV. Register 47h, VID0–3/FAN Divisor Register (Power-On Default 0101(VID3–0))
Bit
Name
R/
W
Description
0–3 VID
Read
The VID[3:0] inputs from processor core power supplies to indicate the
operating voltage (e.g., 1.3 V to 3.5 V)
4–5 FAN1 Divisor
Read/
Write
Sets counter prescaler for FAN1 speed measurement
<5:4> = 00 – divide by 1
<5:4> = 01 – divide by 2
<5:4> = 10 – divide by 4
<5:4> = 11 – divide by 8.
6–7 FAN2 Divisor
Read/
Write
Sets counter prescaler for FAN2 speed measurement
<7:6> = 00 – divide by 1
<7:6> = 01 – divide by 2
<7:6> = 10 – divide by 4
<7:6> = 11 – divide by 8.
Table XVI. Register 49h, VID4/Device ID Register (Power-On Default 1000000(VID4))
Bit
Name
R/
W
Description
0
VID4
Read Only
VID4 Input from Pentium.
1–7
Reserved
Read Only
Undefined, always reads as 1000 000(VID4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com