Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1024ARU Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1024ARU
Description  System Hardware Monitor with Remote Diode Thermal Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1024ARU Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1024ARU Datasheet HTML 20Page - Analog Devices ADM1024ARU Datasheet HTML 21Page - Analog Devices ADM1024ARU Datasheet HTML 22Page - Analog Devices ADM1024ARU Datasheet HTML 23Page - Analog Devices ADM1024ARU Datasheet HTML 24Page - Analog Devices ADM1024ARU Datasheet HTML 25Page - Analog Devices ADM1024ARU Datasheet HTML 26Page - Analog Devices ADM1024ARU Datasheet HTML 27Page - Analog Devices ADM1024ARU Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADM1024
–27–
REV. 0
Table XVII. Register 4AH, Configuration Register 2 (Power-On Default [7:0] = 0x00h)
Bit
Name
R/
W
Description
0
Thermal
INT
Read/
Write
Setting this bit masks the thermal interrupts for the
INT output ONLY. The
Mask
THERM output will still be generated, regardless of the setting of this bit.
1
Ambient Temp
Read/
Write
Writing a one to this bit will lock in the values set into the ambient tempera-
Fan Control
Once
ture automatic fan control register 13h. This register will not be able to be
Register Write
written again until a reset is performed (either POR, Hard or Soft Reset).
Once Bit
2
Remote Temp
Read/
Write
Writing a one to this bit will lock in the values set into the remote tempera-
Fan Control
Once
ture automatic fan control register 14h. This register will not be able to
Register Write
be written again until a reset is performed (either POR, Hard or Soft Reset).
Once Bit
3
THERM
Read/
Write
If this bit is 0 the
THERM output operates in default mode.
Interrupt Mode
If this bit is 1, the
THERM output operates in ACPI mode.
4, 5
Reserved
Read Only
Reserved.
6
IRQ3 EN
Read/
Write
Setting this bit to 1 enables Pin 21 as an active high interrupt input, provided
Pins 20 to 24 have been configured as interrupts by setting Bit 7 of the
Channel Mode Register. Power-on default = 0.
7
IRQ4 EN
Read/
Write
Setting this bit to 1 enables Pin 20 as an active high interrupt input, provided
Pins 20 to 24 have been configured as interrupts by setting Bit 7 of the
Channel Mode Register. Power-on default = 0.
Table XVIII. Register 4Ch, Interrupt Status Register 1 Mirror (Power-On Default <7:0> = 00h)
Bit
Name
R/
W
Description
0
2.5 V/Ext. Temp2 Error
Read Only
A one indicates that a High or Low limit has been exceeded.
1VCCP1 Error
Read Only
A one indicates that a High or Low limit has been exceeded.
2VCC Error
Read Only
A one indicates that a High or Low limit has been exceeded.
3
5 V Error
Read Only
A one indicates that a High or Low limit has been exceeded.
4
Internal Temp Error
Read Only
A one indicates that a temperature interrupt has been set, or that a High or
Low limit has been exceeded.
5
External Temp1 Error
Read Only
A one indicates that a temperature interrupt has been set, or that a High or
Low limit has been exceeded.
6
FAN1/AIN1 Error
Read Only
A one indicates that a High or Low limit has been exceeded.
7
FAN2/AIN2 Error
Read Only
A one indicates that a High or Low limit has been exceeded.
Table XIX. Register 4DH, Interrupt Status Register 2 Mirror (Power-On Default <7:0> = 00h)
Bit
Name
R/
W
Description
0
12 V Error
Read Only
A one indicates a High or Low limit has been exceeded.
1VCCP2 Error
Read Only
A one indicates a High or Low limit has been exceeded.
2
Reserved
Read Only
Undefined.
3
Reserved
Read Only
Undefined.
4
Chassis Error
Read Only
A one indicates Chassis Intrusion has gone high.
5
THERM Interrupt
Read Only
Indicates that
THERM pin has been pulled low by an external source.
6
D1 Fault
Read Only
Short or open-circuit sensor diode D1.
7
D2 Fault
Read Only
Short or open-circuit sensor diode D2.
NOTE
An error that causes continuous interrupts to be generated may be masked in its respective mask register, until the error can be alleviated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com