Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026 Datasheet(PDF) 51 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADM1026 Datasheet HTML 47Page - Analog Devices ADM1026 Datasheet HTML 48Page - Analog Devices ADM1026 Datasheet HTML 49Page - Analog Devices ADM1026 Datasheet HTML 50Page - Analog Devices ADM1026 Datasheet HTML 51Page - Analog Devices ADM1026 Datasheet HTML 52Page - Analog Devices ADM1026 Datasheet HTML 53Page - Analog Devices ADM1026 Datasheet HTML 54Page - Analog Devices ADM1026 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
ADM1026
Rev. A | Page 51 of 56
Table 97. Register 54h, AIN4 High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
AIN4 High Limit
R/W
This register contains the high limit of the AIN4 analog input channel.
Table 98. Register 55h, AIN5 High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
AIN5 High Limit
R/W
This register contains the high limit of the AIN5 analog input channel.
Table 99. Register 56h, AIN6 High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
AIN6 High Limit
R/W
This register contains the high limit of the AIN6 analog input channel.
Table 100. Register 57h, AIN7 High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
AIN7 High Limit
R/W
This register contains the high limit of the AIN7 analog input channel.
Table 101. Register 58h, AIN0 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN0 Low Limit
R/W
This register contains the low limit of the AIN0 analog input channel.
Table 102. Register 59h, AIN1 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN1 Low Limit
R/W
This register contains the low limit of the AIN1 analog input channel.
Table 103. Register 5Ah, AIN2 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN2 Low Limit
R/W
This register contains the low limit of the AIN2 analog input channel.
Table 104. Register 5Bh, AIN3 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN3 Low Limit
R/W
This register contains the low limit of the AIN3 analog input channel.
Table 105. Register 5Ch, AIN4 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN4 Low Limit
R/W
This register contains the low limit of the AIN4 analog input channel.
Table 106. Register 5Dh, AIN5 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN5 Low Limit
R/W
This register contains the low limit of the AIN5 analog input channel.
Table 107. Register 5Eh, AIN6 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN6 Low Limit
R/W
This register contains the low limit of the AIN6 analog input channel.
Table 108. Register 5Fh, AIN7 Low Limit (Power-On Default 00h)
Bit
Name
R/W
Description
7–0
AIN7 Low Limit
R/W
This register contains the low limit of the AIN7 analog input channel.
Table 109. Register 60h, FAN0 High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
FAN0 High Limit
R/W
This register contains the high limit of the FAN0 tach channel.
Table 110. Register 61h, FAN1 High Limit (Power-On Default FFh)
Bit
Name
R/W
Description
7–0
FAN1 High Limit
R/W
This register contains the high limit of the FAN1 tach channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com