Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1026
Description  Complete Thermal and System Management Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026 Datasheet(HTML) 1 Page - Analog Devices

  ADM1026 Datasheet HTML 1Page - Analog Devices ADM1026 Datasheet HTML 2Page - Analog Devices ADM1026 Datasheet HTML 3Page - Analog Devices ADM1026 Datasheet HTML 4Page - Analog Devices ADM1026 Datasheet HTML 5Page - Analog Devices ADM1026 Datasheet HTML 6Page - Analog Devices ADM1026 Datasheet HTML 7Page - Analog Devices ADM1026 Datasheet HTML 8Page - Analog Devices ADM1026 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Complete Thermal System
Management Controller
ADM1026
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Up to 19 analog measurement channels (including internal
measurements)
Up to 8 fan speed measurement channels
Up to 17 general-purpose logic I/O pins
Remote temperature measurement with remote diode (two
channels)
On-chip temperature sensor
Analog and PWM fan speed control outputs
2-wire serial system management bus (SMBus)
8 kB on-chip EEPROM
Full SMBus 1.1 support includes packet error checking (PEC)
Chassis intrusion detection
Interrupt output (SMBAlert)
Reset input, reset outputs
Thermal interrupt (THERM) output
Limit comparison of all monitored values
APPLICATIONS
Network servers and personal computers
Telecommunications equipment
Test equipment and measuring instruments
D2–/AIN9 (0V – +2.5V)
D2+/AIN8 (0V – +2.5V)
AIN7 (0V – +2.5V)
AIN6 (0V – +2.5V)
TO GPIO
REGISTERS
100k
Ω
100k
Ω
VCC
VCC
VCC
FAN
SPEED
COUNTER
INPUT
ATTENUATORS
AND
ANALOG
MULTIPLEXER
GPIO
REGISTERS
SERIAL BUS
INTERFACE
ADDRESS
POINTER
REGISTER
BAND GAP
TEMPERATURE
SENSOR
AUTOMATIC
FAN SPEED
CONTROL
8k BYTES
EEPROM
8-BIT
ADC
BAND GAP
REFERENCE
VBAT
+5 VIN
–12 VIN
+12 VIN
+VCCP
AIN0 (0V – +3V)
AIN1 (0V – +3V)
AIN2 (0V – +3V)
AIN3 (0V – +3V)
AIN4 (0V – +3V)
AIN5 (0V – +3V)
D1+
D1–/NTESTIN
DGND
DAC
AGND
VREF (1.82V OR 2.5V)
SCL
SDA
3.3V MAIN
ADD/
NTESTOUT
FAN 7/GPIO7
FAN 6/GPIO6
FAN 5/GPIO5
FAN 4/GPIO4
FAN 3/GPIO3
FAN 2/GPIO2
FAN 1/GPIO1
FAN 0/GPIO0
GPIO15
GPIO14
GPIO13
GPIO12
GPIO11
GPIO10
GPIO9
GPIO8
PWM
3.3V STBY
GPIO16/THERM
CI
ADM1026
INT
RESET IN
VCC
VCC
100k
Ω
RESETMAIN
RESETSTBY
PWM REGISTER
AND CONTROLLER
LIMIT
COMPARATORS
INT MASK
REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
VALUE AND
LIMIT
REGISTERS
3.3V MAIN
RESET
GENERATOR
3.3V STBY
RESET
GENERATOR
INTERRUPT
STATUS
REGISTERS
ANALOG
OUTPUT REGISTER
AND 8-BIT DAC
Figure 1. Functional Block Diagram


Similar Part No. - ADM1026

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026 ONSEMI-ADM1026 Datasheet
473Kb / 55P
Complete Thermal System Management Controller
April, 2012 ??Rev. 4
ADM1026JST ONSEMI-ADM1026JST Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL ONSEMI-ADM1026JST-REEL Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL7 ONSEMI-ADM1026JST-REEL7 Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Similar Description - ADM1026

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
CompactRISC Intelligent System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
Color Management System Feedback Controller
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
Color Management System Feedback Controller
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
System Management and Illumination Controller
TPS99000S-Q1 TI-TPS99000S-Q1 Datasheet
4Mb / 85P
TPS99000S-Q1 System Management and Illumination Controller
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
TPS99001-Q1 System Management Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com