Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1028 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1028
Description  Remote Thermal Diode Monitor with Linear Fan Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1028 Datasheet(HTML) 1 Page - Analog Devices

  ADM1028 Datasheet HTML 1Page - Analog Devices ADM1028 Datasheet HTML 2Page - Analog Devices ADM1028 Datasheet HTML 3Page - Analog Devices ADM1028 Datasheet HTML 4Page - Analog Devices ADM1028 Datasheet HTML 5Page - Analog Devices ADM1028 Datasheet HTML 6Page - Analog Devices ADM1028 Datasheet HTML 7Page - Analog Devices ADM1028 Datasheet HTML 8Page - Analog Devices ADM1028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADM1028
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Remote Thermal Diode
Monitor with Linear Fan Control
FUNCTIONAL BLOCK DIAGRAM
2.5V
BANDGAP
REFERENCE
ANALOG
SIGNAL
CONDITIONING
ALERT
STATUS
REGISTER
ADC
ADM1028
R_OFF
R_RST
D+
D–
SDA
SCL
RST
10k
VCC3AUX
FAN_SPD/NTEST_IN
INT
FAN_OFF
SERIAL BUS
INTERFACE
LIMIT
COMPARATORS
INTERRUPT
STATUS
REGISTERS
MASK
GATING
CONFIGURATION
REGISTER
INT MASK
REGISTER
ANALOG O/P
REGISTER,
COUNTER
AND 8-BIT DAC
VALUE AND
LIMIT
REGISTERS
VCC3AUX
POWER-ON
RESET
FAN_SPD SHUTOFF
AND R_OFF RESET
10k
VCC3AUX
THERMA/NTEST_OUT
AUXRST
RESET
THERMB
GPI
GND
ADDRESS
POINTER
REGISTER
REMOTE
FUNCTION
REGISTER
FEATURES
On-Chip Temperature Sensor
External Temperature Measurement with Remote Diode
Interrupt and Over-Temperature Outputs
Fault-Tolerant Fan Control with Auto Hardware Trip Point
Remote Reset and Power-Down Functions
LDCM Support
System Management Bus (SMBus) Communications
Standby Mode to Minimize Power Consumption
Limit Comparison of all Monitored Values
DAC Output for Linear Fan Speed Control
Ramp Rate Register for Control of Rate of Change of
Fan Speed, Reduction of Fan Acoustics
APPLICATIONS
Network Servers and Personal Computers
Microprocessor-Based Office Equipment
Test Equipment and Measuring Instruments
GENERAL DESCRIPTION
The ADM1028 is a low-cost temperature monitor and fan
controller for microprocessor-based systems. The temperature
of a remote sensor diode may be measured, allowing monitoring
of processor temperature in single processor systems. An on-chip
temperature sensor monitors ambient system temperature.
Measured values can be read out via the System Management
Bus, and values for limit comparisons can be programmed in
over the same serial bus.
The ADM1028 also contains a DAC for fan speed control. An
automatic hardware temperature trip point is provided and the fan
will be driven to full speed if it is exceeded. A Ramp Rate Register
is provided to control the rate with which fan speed is increased or
decreased. This is to eliminate sudden changes in fan speed,
thereby reducing fan acoustics and prolonging the fan’s life.
Finally, the chip has remote reset and power-down functionality,
allowing it to be remotely shut down via the SMBus.
The ADM1028’s 3.0 V to 5.5 V supply voltage range, low
supply current, and SMBus make it ideal for a wide range of
applications. These include hardware monitoring applications
in PCs, electronic test equipment, and office electronics.


Similar Part No. - ADM1028

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1020AR-REEL AD-ADM1020AR-REEL Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1020AR-REEL7 AD-ADM1020AR-REEL7 Datasheet
132Kb / 12P
8-Lead, Low-Cost, System Temperature Monitor
REV.0
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
Low Cost Microprocessor System Temperature Monitor
REV.0
ADM1021A AD-ADM1021A Datasheet
203Kb / 16P
Low-Cost Microprocessor System Temperature Monitor
3/04-Data Sheet changed from REV. C to REV. D.
More results

Similar Description - ADM1028

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
ADT7473 ONSEMI-ADT7473_11 Datasheet
1Mb / 74P
dbCOOL Remote Thermal Monitor and Fan Control
October, 2011 ??Rev. 7
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7473 ONSEMI-ADT7473_15 Datasheet
627Kb / 73P
Remote Thermal Monitor and Fan Control
April, 2015 ??Rev. 10
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7473 ONSEMI-ADT7473_16 Datasheet
624Kb / 73P
Remote Thermal Monitor and Fan Control
November, 2016 ??Rev. 11
ADT7475 ONSEMI-ADT7475_18 Datasheet
539Kb / 58P
Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com