Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1030 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1030
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1030 Datasheet(HTML) 1 Page - Analog Devices

  ADM1030 Datasheet HTML 1Page - Analog Devices ADM1030 Datasheet HTML 2Page - Analog Devices ADM1030 Datasheet HTML 3Page - Analog Devices ADM1030 Datasheet HTML 4Page - Analog Devices ADM1030 Datasheet HTML 5Page - Analog Devices ADM1030 Datasheet HTML 6Page - Analog Devices ADM1030 Datasheet HTML 7Page - Analog Devices ADM1030 Datasheet HTML 8Page - Analog Devices ADM1030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM1030*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Intelligent Temperature
Monitor and PWM Fan Controller
FUNCTIONAL BLOCK DIAGRAM
SERIAL BUS
INTERFACE
INTERRUPT
STATUS
REGISTER
VALUE AND LIMIT
REGISTERS
OFFSET
REGISTERS
CONFIGURATION
REGISTER
LIMIT
COMPARATOR
2.5V
BANDGAP
REFERENCE
ANALOG
MULTIPLEXER
BANDGAP
TEMPERATURE
SENSOR
SLAVE
ADDRESS
REGISTER
ADD
SDA
SCL
GND
ADM1030
FAN
CHARACTERISTICS
REGISTER
FAN SPEED
CONFIG
REGISTER
TMIN/TRANGE
REGISTER
FAN
SPEED
COUNTER
ADDRESS
POINTER
REGISTER
PWM
CONTROLLER
TACH SIGNAL
CONDITIONING
NC
INT
THERM
FAN_FAULT
NC
NC
NC
PWM_OUT
TACH/AIN
D+
D–
VCC
ADC
NC = NO CONNECT
FEATURES
Optimized for Pentium® III: Allows Reduced Guardbanding
Software and Automatic Fan Speed Control
Automatic Fan Speed Control Allows Control Indepen-
dent of CPU Intervention after Initial Setup
Control Loop Minimizes Acoustic Noise and Battery
Consumption
Remote Temperature Measurement Accurate to 1 C
Using Remote Diode
0.125 C Resolution on Remote Temperature Channel
Local Temperature Sensor with 0.25 C Resolution
Pulsewidth Modulation Fan Control (PWM)
Programmable PWM Frequency
Programmable PWM Duty Cycle
Tach Fan Speed Measurement
Analog Input To Measure Fan Speed of 2-Wire Fans
(Using Sense Resistor)
2-Wire System Management Bus (SMBus) with ARA
Support
Overtemperature
THERM Output Pin
Programmable
INT Output Pin
Configurable Offset for All Temperature Channels
3 V to 5.5 V Supply Range
Shutdown Mode to Minimize Power Consumption
APPLICATIONS
Notebook PCs, Network Servers and Personal Computers
Telecommunications Equipment
PRODUCT DESCRIPTION
The ADM1030 is an ACPI-compliant two-channel digital ther-
mometer and under/over temperature alarm, for use in computers
and thermal management systems. Optimized for the Pentium
III, the higher 1
°C accuracy offered allows systems designers to
safely reduce temperature guardbanding and increase system
performance. A Pulsewidth Modulated (PWM) Fan Control out-
put controls the speed of a cooling fan by varying output duty
cycle. Duty cycle values between 33%–100% allow smooth
control of the fan. The speed of the fan can be monitored via a
TACH input for a fan with a tach output. The TACH input can
be programmed as an analog input, allowing the speed of a 2-wire
fan to be determined via a sense resistor. The device will also
detect a stalled fan. A dedicated Fan Speed Control Loop pro-
vides control even without the intervention of CPU software. It
also ensures that if the CPU or system locks up, the fan can still
be controlled based on temperature measurements, and the fan
speed adjusted to correct any changes in system temperature.
Fan Speed may also be controlled using existing ACPI software.
One input (two pins) is dedicated to a remote temperature-
sensing diode with an accuracy of
±1°C, and a local temperature
sensor allows ambient temperature to be monitored. The device
has a programmable
INT output to indicate error conditions.
There is a dedicated
FAN_FAULT output to signal fan failure.
The
THERM pin is a fail-safe output for over-temperature
conditions that can be used to throttle a CPU clock.
*Patents pending.
Pentium is a registered
trademark of Intel Corporation.


Similar Part No. - ADM1030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQ ONSEMI-ADM1030ARQ Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQ-REEL ONSEMI-ADM1030ARQ-REEL Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQ-REEL7 ONSEMI-ADM1030ARQ-REEL7 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQZ ONSEMI-ADM1030ARQZ Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
More results

Similar Description - ADM1030

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV.0
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
Intelligent Temperature Monitor and Dual PWM Fan Controller
REV.0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
Intelligent Temperature Monitor and PWM Fan Controller
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com