Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1032 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1032
Description  -1C Remote and Local System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032 Datasheet(HTML) 1 Page - Analog Devices

  ADM1032 Datasheet HTML 1Page - Analog Devices ADM1032 Datasheet HTML 2Page - Analog Devices ADM1032 Datasheet HTML 3Page - Analog Devices ADM1032 Datasheet HTML 4Page - Analog Devices ADM1032 Datasheet HTML 5Page - Analog Devices ADM1032 Datasheet HTML 6Page - Analog Devices ADM1032 Datasheet HTML 7Page - Analog Devices ADM1032 Datasheet HTML 8Page - Analog Devices ADM1032 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADM1032*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
1 C Remote and Local
System Temperature Monitor
FUNCTIONAL BLOCK DIAGRAM
ON-CHIP
TEMPERATURE
SENSOR
A-TO-D
CONVERTER
BUSY
RUN/STANDBY
EXTERNAL DIODE OPEN-CIRCUIT
ADDRESS POINTER
REGISTER
CONVERSION RATE
REGISTER
REMOTE TEMPERATURE
HIGH-LIMIT REGISTER
CONFIGURATION
REGISTER
INTERRUPT
MASKING
LIMIT
COMPARATOR
REMOTE TEMPERATURE
VALUE REGISTER
LOCAL TEMPERATURE
VALUE REGISTER
VDD
GND
SDATA
SCLK
THERM
ALERT
D+
D–
REMOTE TEMPERATURE
LOW-LIMIT REGISTER
LOCAL TEMPERATURE
HIGH-LIMIT REGISTER
LOCAL TEMPERATURE
LOW-LIMIT REGISTER
ANALOG
MUX
ADM1032
LOCAL THERM LIMIT
REGISTER
EXTERNAL THERM LIMIT
REGISTER
STATUS REGISTER
SMBUS INTERFACE
REMOTE OFFSET
REGISTER
FEATURES
On-Chip and Remote Temperature Sensing
Offset Registers for System Calibration
0.125 C Resolution/1 C Accuracy on Remote Channel
1 C Resolution/3 C Accuracy on Local Channel
Fast (Up to 64 Measurements per Second)
2-Wire SMBus Serial Interface
Supports SMBus Alert
Programmable Over/Under Temperature Limits
Programmable Fault Queue
Over-Temperature Fail-Safe
THERM Output
Programmable
THERM Limits
Programmable
THERM Hysteresis
170
A Operating Current
5.5
A Standby Current
3 V to 5.5 V Supply
Small 8-Lead SO and Micro_SO Package
APPLICATIONS
Desktop Computers
Notebook Computers
Smart Batteries
Industrial Controllers
Telecomms Equipment
Instrumentation
Embedded Systems
Pentium is a registered trademark of Intel Corporation.
*Patents 5,982,221, 6,097,239, 6,133,753, 6,169,442, 5,867,012.
PRODUCT DESCRIPTION
The ADM1032 is a dual-channel digital thermometer and
under/over temperature alarm, intended for use in personal
computers and thermal management systems. The higher 1
°C
accuracy offered allows systems designers to safely reduce
temperature guardbanding and increase system performance.
The device can measure the temperature of a microprocessor
using a diode-connected NPN or PNP transistor, which may be
provided on-chip or can be a low-cost discrete device such as
the 2N3906. A novel measurement technique cancels out the
absolute value of the transistor’s base emitter voltage, so that no
calibration is required. The second measurement channel mea-
sures the output of an on-chip temperature sensor, to monitor
the temperature of the device and its environment.
The ADM1032 communicates over a two-wire serial interface
compatible with System Management Bus (SMBus) standards.
Under and over temperature limits can be programmed into the
device over the serial bus, and an
ALERT output signals when
the on-chip or remote temperature measurement is out of range.
This output can be used as an interrupt, or as an SMBus alert.
The
THERM output is a comparator output that allows CPU
clock throttling or on/off control of a cooling fan.


Similar Part No. - ADM1032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032 ONSEMI-ADM1032 Datasheet
237Kb / 18P
1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032 ONSEMI-ADM1032 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
More results

Similar Description - ADM1032

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC10 TI-THMC10 Datasheet
269Kb / 20P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com