Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST413PHA Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST413PHA
Description  Power Inductor for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST413PHA Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST413PHA Datasheet HTML 1Page - Coilcraft lnc. ST413PHA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
1008 POWER INDUCTORS
Document ST219-1 Revised 03/08/11
Inductance
DCR4
SRF5
Isat (A)6
Irms (A)7
±10%2
Q
max
typ
10% 20% 30% 20°C 40°C
Part number1
(µH)
min3 (Ohms) (MHz) drop drop drop rise rise
ST413PHA102KLZ
1.0
35
0.05
387
3.5
3.9
4.2
1.4
2.0
ST413PHA152KLZ
1.5
35
0.06
276
2.7
3.2
3.5
1.4
2.0
ST413PHA182KLZ
1.8
35
0.09
253
2.3
2.7
3.0
0.98 1.4
ST413PHA222KLZ
2.2
36
0.10
228
2.4
2.8
3.1
1.2
1.7
ST413PHA272KLZ
2.7
38
0.14
207
1.6
2.0
2.3
1.0
1.4
ST413PHA332KLZ
3.3
26
0.84
199
1.5
1.6
1.6
0.51 0.67
ST413PHA392KLZ
3.9
38
0.26
185
1.5
1.8
2.0
0.82 1.1
ST413PHA472KLZ
4.7
38
0.35
160
1.3
1.6
1.7
0.70 0.95
ST413PHA562KLZ
5.6
38
0.36
150
1.5
1.7
1.8
0.66 0.87
ST413PHA682KLZ
6.8
38
0.58
120
1.3
1.5
1.6
0.45 0.76
ST413PHA103KLZ
10
38
0.92
105
0.84 1.0
1.1
0.40 0.59
ST413PHA153KLZ
15
38
1.15
35
0.81 0.87 0.90 0.36 0.51
ST413PHA223KLZ
22
40
1.40
26
0.67 0.75 0.79 0.33 0.44
ST413PHA333KLZ
33
45
1.61
20
0.53 0.61 0.68 0.30 0.42
ST413PHA393KLZ
39
45
1.85
16
0.49 0.56 0.60 0.28 0.39
ST413PHA473KLZ
47
45
2.5
19
0.47 0.52 0.54 0.23 0.31
ST413PHA683KLZ
68
45
3.8
12
0.38 0.42 0.45 0.21 0.26
ST413PHA823KLZ
82
45
4.3
9.0 0.33 0.38 0.42 0.18 0.26
ST413PHA104KLZ
100
45
5.8
7.0 0.35 0.38 0.39 0.16 0.20
ST413PHA124KLZ
120
50
6.3
7.0 0.30 0.33 0.35 0.14 0.20
ST413PHA154KLZ
150
50
7.5
5.8 0.27 0.30 0.33 0.13 0.18
ST413PHA224KLZ
220
55
10.0
5.0 0.21 0.24 0.27 0.13 0.17
ST413PHA334KLZ
330
55
11.5
3.8 0.19 0.21 0.23 0.11 0.15
ST413PHA474KLZ
470
55
16.3
3.1 0.14 0.17 0.19 0.10 0.13
ST413PHA564KLZ
560
55
18.1
2.8 0.13 0.15 0.17 0.093 0.12
ST413PHA684KLZ
680
55
24.0
2.5 0.11 0.15 0.17 0.073 0.11
ST413PHA824KLZ
820
45
26.0
1.5 0.10 0.12 0.13 0.073 0.10
ST413PHA105KLZ
1000
45
29.0
2.0 0.11 0.13 0.14 0.070 0.10
PowerInductorforCriticalApplicationsST413PHA
■
Shielded power inductors
■
Excellent current handling for a part this size; low DCR
Core material Ceramic/Ferrite
Terminations Silver-palladium-platinum-glass frit. Other termina-
tions available at additional cost.
Weight 122 – 132 mg
Ambient temperature –40°C to +105°C with Irms current, +105°C
to +145°C with derated current
Storage temperature Component: –55°C to +105°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +350 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 750/7²reel; 2500/13² reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.3 mm pocket depth
1. When ordering, specify
termination and testing codes:
ST413PHA334KLZ
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-
lead (63/37).
Testing:
Z = COTS
H= Screening per Coilcraft CP-
SA-10001
2. Inductance measured at 100 kHz, 0.1 Vrms, using
Coilcraft SMD-A fixture in Agilent/HP 4263B imped-
ance analyzer or equivalent.
3. Q measured at 1 MHz using an Agilent/HP 16193 test
fixture and an Agilent/HP 4291 or equivalent.
4. DCR measured on micro-ohmmeter and Coilcraft
CCF840 test fixture.
5. SRF measured using a Coilcraft SMD-D test fixture
and an Agilent/HP 8753D network analyzer or equiva-
lent.
6. DC current at which the inductance drops the specic-
fied amount from its value without current.
7. Current that causes the specified temperature rise
from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Compo-
nents” before soldering.


Similar Part No. - ST413PHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST4130A ETC1-ST4130A Datasheet
194Kb / 3P
Crystal Clock Oscillator
ST4130AA ETC1-ST4130AA Datasheet
194Kb / 3P
Crystal Clock Oscillator
ST4130B ETC1-ST4130B Datasheet
194Kb / 3P
Crystal Clock Oscillator
ST4130C ETC1-ST4130C Datasheet
194Kb / 3P
Crystal Clock Oscillator
ST4130E ETC1-ST4130E Datasheet
194Kb / 3P
Crystal Clock Oscillator
More results

Similar Description - ST413PHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP-10-250 ETC-LP-10-250 Datasheet
181Kb / 1P
For Low Power and Critical Height Applications
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
Power Inductor for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
Power Inductor for Critical Applications
ST515PMM COILCRAFT-ST515PMM Datasheet
299Kb / 3P
Power Inductor for Critical Applications
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
Air Core Inductor for Critical Applications
ST598PTA COILCRAFT-ST598PTA Datasheet
354Kb / 2P
Power Inductors for Critical Applications
logo
Bel Fuse Inc.
LP-10-250 BEL-LP-10-250 Datasheet
175Kb / 2P
For Low Power and Critical Height Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com