Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST413PHA Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # ST413PHA
Description  Power Inductor for Critical Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST413PHA Datasheet(HTML) 2 Page - Coilcraft lnc.

  ST413PHA Datasheet HTML 1Page - Coilcraft lnc. ST413PHA Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
1008 POWER INDUCTORS
Power Inductor for Critical Applications ST413PHA
Typical L vs Frequency
Typical L vs Current
0.01
0.1
110
0.1
1
10
100
1000
10000
Frequency (MHz)
1000 µH
100 µH
10 µH
1µH
0.01
0.1
110
Current (A)
0.1
10
1
100
1000
10000
100 µH
10 µH
1µH
1000 µH
A
B
C
D
E
F
G
max
max
max
max
max
max typ
H
I
J
0.150 0.149 0.108 0.070 0.102 0.084 0.020 0.100 0.040 0.050 inches
3,81
3,78
2,74
1,78
2,59
2,13 0,51
2,54 1,02 1,27
mm
A
B
FD
C
E
G
I
I
J
H
Recommended
Land Pattern
Terminal wraparound:
approx 0.015/0,38 both ends
Document ST219-2 Revised 03/08/11
Irms Derating
-40 -20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Suggested
Land Pattern
Note: Height dimension is before optional solder application. For maximum
height including solder, add 0.006 in / 0,15 mm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com