Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1032ARM Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1032ARM
Description  -1C Remote and Local System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032ARM Datasheet(HTML) 4 Page - Analog Devices

  ADM1032ARM Datasheet HTML 1Page - Analog Devices ADM1032ARM Datasheet HTML 2Page - Analog Devices ADM1032ARM Datasheet HTML 3Page - Analog Devices ADM1032ARM Datasheet HTML 4Page - Analog Devices ADM1032ARM Datasheet HTML 5Page - Analog Devices ADM1032ARM Datasheet HTML 6Page - Analog Devices ADM1032ARM Datasheet HTML 7Page - Analog Devices ADM1032ARM Datasheet HTML 8Page - Analog Devices ADM1032ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
ADM1032–Typical Performance Characteristics
–4–
LEAKAGE RESISTANCE – M
0
10
100
20
16
–16
0
–4
–8
–12
8
4
12
D+ TO GND
D+ TO V DD
TPC 1. Temperature Error vs.
Leakage Resistance
FREQUENCY – Hz
VIN = 100mV p-p
10
1M
0
2
4
6
8
10
12
VIN = 250mV p-p
TPC 4. Temperature Error vs. Power
Supply Noise Frequency
VIN = 50mV p-p
FREQUENCY – Hz
0
2
4
6
8
10
12
100k
1M
10M
100M
VIN = 100mV p-p
VIN = 25mV p-p
TPC 7. Temperature Error vs.
Common-Mode Noise Frequency
–0.5
0
0.5
1.0
TEMPERATURE – C
0
20406080
100
120
TPC 2. Temperature Error vs. Actual
Temperature Using 2N3906
1
6
11
16
21
26
31
18
16
0
8
6
4
2
12
10
14
36
CAPACITANCE – nF
TPC 5. Temperature Error vs.
Capacitance between D+ and D–
SCLK FREQUENCY – kHz
1
5
10
25
50
75 100
80
70
0
10
50
40
60
20
30
250 500 750 1000
VDD = 3.3V
VDD = 5V
TPC 8. Standby Supply Current vs.
Clock Frequency
FREQUENCY – Hz
13
11
–1
100k
100M
1M
10M
7
5
3
1
9
VIN = 10mV p-p
VIN = 40mV p-p
TPC 3. Temperature Error vs.
Differential Mode Noise Frequency
CONVERSION RATE – Hz
0.01
2.0
0
1.5
0.5
VDD = 5V
0.1
1
10
100
1.0
VDD = 3V
TPC 6. Operating Supply Current vs.
Conversion Rate
SUPPLY VOLTAGE – V
0
40
0
1.5
2.5
0.5 1.0
3.0
5.0
3.5 4.0 4.5
2.0
35
30
25
20
15
10
5
TPC 9. Standby Supply Current vs.
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com