Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1032ARM Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1032ARM
Description  -1C Remote and Local System Temperature Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1032ARM Datasheet HTML 4Page - Analog Devices ADM1032ARM Datasheet HTML 5Page - Analog Devices ADM1032ARM Datasheet HTML 6Page - Analog Devices ADM1032ARM Datasheet HTML 7Page - Analog Devices ADM1032ARM Datasheet HTML 8Page - Analog Devices ADM1032ARM Datasheet HTML 9Page - Analog Devices ADM1032ARM Datasheet HTML 10Page - Analog Devices ADM1032ARM Datasheet HTML 11Page - Analog Devices ADM1032ARM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
ADM1032
–10–
1.
SMBALERT pulled low.
2. Master initiates a read operation and sends the Alert Response
Address (ARA = 0001 100). This is a general call address that
must not be used as a specific device address.
3. The device whose
ALERT output is low responds to the Alert
Response Address and the master reads its device address.
As the device address is seven bits, an LSB of ‘1’ is added.
The address of the device is now known and it can be inter-
rogated in the usual way.
4. If more than one device’s
ALERT output is low, the one with
the lowest device address, will have priority, in accordance
with normal SMBus arbitration.
5. Once the ADM1032 has responded to the Alert Response
Address, it will reset its
ALERT output, provided that the error
condition that caused the
ALERT no longer exists. If the
SMBALERT line remains low, the master will send ARA again,
and so on until all devices whose
ALERT outputs were low
have responded.
LOW-POWER STANDBY MODE
The ADM1032 can be put into a low-power standby mode by setting
bit 6 of the Configuration Register. When Bit 6 is low, the ADM1032
operates normally. When Bit 6 is high, the ADC is inhibited, and
any conversion in progress is terminated without writing the result
to the corresponding value register.
The SMBus is still enabled. Power consumption in the standby mode
is reduced to less than 10
µA if there is no SMBus activity, or 100 µA
if there are clock and data signals on the bus.
When the device is in standby mode, it is still possible to initiate a
one-shot conversion of both channels by writing XXh to the
One-Shot Register (address 0Fh), after which the device will return
to standby. It is also possible to write new values to the limit regis-
ter while it is in standby. If the values stored in the temperature
value registers are now outside the new limits, an
ALERT is
generated even though the ADM1032 is still in standby.
THE ADM1032 INTERRUPT SYSTEM
The ADM1032 has two interrupt outputs,
ALERT and THERM.
These have different functions.
ALERT responds to violations of
software-programmed temperature limits and is maskable.
THERM
is intended as a “fail-safe” interrupt output that cannot be masked.
If the temperature goes equal to or below the lower temperature limit,
the
ALERT pin will be asserted low to indicate an out-of-limit
condition. If the temperature is within the programmed low and
high temperature limits, no interrupt will be generated.
If the temperature exceeds the high temperature limit, the
ALERT pin
will be asserted low to indicate an over temperature condition. A local
and remote
THERM limit, may be programmed into the device to set
the temperature limit above which the over temperature
THERM
pin will be asserted low. This temperature limit should be equal to
or greater than the high temperature limit programmed.
The behavior of the high limit and
THERM limit is as follows:
1. If either temperature measured exceeds the high temperature
limit, the
ALERT output will assert low.
2. If the local or remote temperature continues to increase and
either one exceeds the
THERM limit, the THERM output
asserts low. This can be used to throttle the CPU clock or
switch on a fan.
A
THERM Hysteresis Value is provided to prevent a cooling fan
cycling on and off. The power-on default value is 10
°C but this
may be reprogrammed to any value after power-up. This hyster-
esis value applies to both the local and remote channels
Using these two limits in this way allows the user to gain maxi-
mum performance from the system by only slowing it down,
should it be at a critical temperature.
The
THERM signal is open drain and requires a pull-up to
VDD. The THERM signal must always be pulled up to the same
power supply as the ADM1032, unlike the SMBus signals
(SDATA, SCLK, and
ALERT) which may be pulled to a differ-
ent power rail, usually that of the SMBus controller.
100 C
90 C
80 C
70 C
60 C
50 C
40 C
THERM
LOCAL THERM
LIMIT
LOCAL THERM LIMIT
–HYSTERESIS
TEMPERATURE
Figure 5. Operation of the
THERM Output
Table IX.
THERM HYSTERESIS Sample Values
THERM HYSTERESIS
Binary Representation
0
°C
0 000 0000
1
°C
0 000 0001
10
°C
0 000 1010
SENSOR FAULT DETECTION
At the D+ input the ADM1032 has a fault detector that detects
if the external sensor diode is open-circuit. This is a simple
voltage comparator that trips if the voltage at D+ exceeds VDD –
1 V (typical). The output of this comparator is checked when a
conversion is initiated, and sets Bit 2 of the Status Register if a
fault is detected.
If the remote sensor voltage falls below the normal measuring
range, for example due to the diode being short-circuited, the
ADC will output –128 (1000 0000). Since the normal operating
temperature range of the device only extends down to 0
°C, this
output code should never be seen in normal operation, so it can
be interpreted as a fault condition. Since it will be outside the
power-on default low temperature limit (0
°C) and any low limit
that would normally be programmed, a short-circuit sensor will
cause an SMBus alert.
In this respect the ADM1032 differs from and improves upon,
competitive devices that output zero if the external sensor goes
short-circuit. These devices can misinterpret a genuine 0
°C
measurement as a fault condition.
When the D+ and D– lines are shorted together, an
ALERT
will always be generated. This is because the remote value regis-
ter reports a temperature value of –128
°C. Since the ADM1032
performs a less-than or equal-to comparison with the low limit,
an ALERT is generated even when the low limit is set to its
minimum of –128
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com