Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM202E Datasheet(PDF) 1 Page - Analog Devices

Part # ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202E Datasheet(HTML) 1 Page - Analog Devices

  ADM202E Datasheet HTML 1Page - Analog Devices ADM202E Datasheet HTML 2Page - Analog Devices ADM202E Datasheet HTML 3Page - Analog Devices ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a EMI/EMCCompliant, 15kVESDProtected,
RS-232 Line Drivers/Receivers
ADM202E/ADM1181A
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FUNCTIONAL BLOCK DIAGRAMS
C1+
C1–
C2+
C2–
VCC
0.1µF
10V
0.1µF
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
3
1
2
+5V INPUT
C3
0.1µF
10V
4
5
+10V TO –10V
VOLTAGE
INVERTER
6
C4
0.1µF
10V
14
11
T1OUT
T1IN
16
C5
0.1µF
10V
7
10
T2OUT
T2IN
12
13
8
9
ADM1181A
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
15
NOTE
*INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
GND
C1+
C1–
C2+
C2–
VCC
0.1µF
10V
0.1µF
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
3
1
2
+5V INPUT
C3
0.1µF
6.3V
4
5
+10V TO –10V
VOLTAGE
INVERTER
6
C4
0.1µF
10V
14
11
T1OUT
T1IN
16
C5
0.1µF
7
10
T2OUT
T2IN
12
13
8
9
ADM202E
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
15
NOTE
*INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
GND
T1
T2
R1
R2
T1
T2
R1
R2
GENERAL DESCRIPTION
The ADM202E and ADM1181A are robust, high speed, 2-
channel RS232/V.28 interface devices that operate from a single
+5 V power supply. Both products are suitable for operation in
harsh electrical environments and are compliant with the EU di-
rective on EMC (89/336/EEC). Both the level of electromag-
netic emissions and immunity are in compliance. EM immunity
includes ESD protection in excess of
±15 kV on all I/O lines,
Fast Transient burst protection (1000-4-4) and Radiated Im-
munity (1000-4-3). EM emissions include radiated and
conducted emissions as required by Information Technology
Equipment EN55022, CISPR22.
The ADM202E and ADM1181A conform to the EIA-232E and
CCITT V.28 specifications and operate at data rates up to
230 kbps.
Four external 0.1
µF charge pump capacitors are used for the
voltage doubler/inverter permitting operation from a single +5 V
supply.
The ADM202E provides a robust pin-compatible upgrade for
existing ADM202, ADM232L or MAX202E/MAX232E sock-
ets. It is available in a 16-pin DIP, wide and narrow SO and also
a space saving TSSOP package. The TSSOP package gives a
44% space saving over SOIC.
The ADM1181A provides a robust pin compatible upgrade for
the LTC1181A, and it is available in 16-pin DIP and 16-lead
SO packages.
FEATURES
Complies with 89/336/EEC EMC Directive
ESD Protection to IEC1000-4-2 (801.2)
8 kV: Contact Discharge
15 kV: Air-Gap Discharge
15 kV: Human Body Model
EFT Fast Transient Burst Immunity (IEC1000-4-4)
Low EMI Emissions (EN55022)
230 kbits/s Data Rate Guaranteed
TSSOP Package Option
Upgrade for MAX202E, 232E, LT1181A
APPLICATIONS
General Purpose RS-232 Data Link
Portable Instruments
PDAs
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM202EAN
–40
°C to +85°C
N-16
ADM202EARW
–40
°C to +85°C
R-16W
ADM202EARN
–40
°C to +85°C
R-16N
ADM202EARU
–40
°C to +85°C
RU-16
ADM1181AAN
–40
°C to +85°C
N-16
ADM1181AARW
–40
°C to +85°C
R-16W


Similar Part No. - ADM202E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
2/05-Rev. B to Rev. C.
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
2/05-Rev. B to Rev. C.
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM202E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM206E AD-ADM206E Datasheet
204Kb / 16P
EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV.B
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV.0
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
2/05-Rev. B to Rev. C.
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
RS-232 Line Drivers/Receivers
REV. C
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com