Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6248NTDP Datasheet(PDF) 4 Page - ebm-papst

Part # 6248NTDP
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6248NTDP Datasheet(HTML) 4 Page - ebm-papst

  6248NTDP Datasheet HTML 1Page - ebm-papst 6248NTDP Datasheet HTML 2Page - ebm-papst 6248NTDP Datasheet HTML 3Page - ebm-papst 6248NTDP Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC axial compact fan
6248 NTDP
Charts: Air flow
0
50
100
150
200
250
300
350
200
400
200
100
300
400
300
500
600 m³/h
V
•
100
nmin
nmax
1
2
CFM
S
Web data sheet D · Page 4 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone: +49(0)7724/81-0 · Fax: +49(0)7724/81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com