Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6248NTDP Datasheet(PDF) 2 Page - ebm-papst

Part # 6248NTDP
Description  DC axial compact fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

6248NTDP Datasheet(HTML) 2 Page - ebm-papst

  6248NTDP Datasheet HTML 1Page - ebm-papst 6248NTDP Datasheet HTML 2Page - ebm-papst 6248NTDP Datasheet HTML 3Page - ebm-papst 6248NTDP Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
6248 NTDP
Technical features
Dimensions
172 Ø x 51 mm
General description
Particularly powerful DC fan with 3-phase EC drive and completely integrated operating electronics.
For speed control regardless of load, with highly intelligent motor management and with power and
speed reserves that create brand-new areas of application
Speed setting via pulse width modulated (PWM) signal
Connection line
Connection with wire strands. Housing with grounding lug for screw M4 x 8 (TORX), with screws.
Direction of rotation
Left, looking at rotor, direction of rotation reversible
Direction of air flow
Air exhaust over bars
Note
Only a customer-specific, custom-developed variant is available for this model. The data specified
here are technically feasible benchmark values. The fans can be specially adapted to your application
with signal outputs and control inputs.
Bearing
Ball bearings
Lifetime L10 at 40 °C
70000 h
Mass
0.820 kg
Housing material
Metal
Material of impeller
Fiberglass-reinforced PA plastic
Approval
VDE, CSA, UL, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone: +49(0)7724/81-0 · Fax: +49(0)7724/81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com