Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM223 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM223
Description  5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM223 Datasheet(HTML) 1 Page - Analog Devices

  ADM223 Datasheet HTML 1Page - Analog Devices ADM223 Datasheet HTML 2Page - Analog Devices ADM223 Datasheet HTML 3Page - Analog Devices ADM223 Datasheet HTML 4Page - Analog Devices ADM223 Datasheet HTML 5Page - Analog Devices ADM223 Datasheet HTML 6Page - Analog Devices ADM223 Datasheet HTML 7Page - Analog Devices ADM223 Datasheet HTML 8Page - Analog Devices ADM223 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+5 V Powered
CMOS RS-232 Drivers/Receivers
ADM223/ADM230L–ADM241L
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
ADM232L TYPICAL OPERATING CIRCUIT
Table I. Selection Table
No. of
No. of
Low Power
TTL
Part
Power
RS-232
RS-232
External
Shutdown
Three-State
No. of
Number
Supply Voltage
Drivers
Receivers
Capacitors
(SD)
EN
Pins
ADM223
+5 V
4
5
4
Yes (
SD)
Yes (EN)
28
ADM230L
+5 V
5
0
4
Yes
No
20
ADM231L
+5 V & +7.5 V to +13.2 V
2
2
2
No
No
14
ADM232L
+5 V
2
2
4
No
No
16
ADM233L
+5 V
2
2
None
No
No
20
ADM234L
+5 V
4
0
4
No
No
16
ADM235L
+5 V
5
5
None
Yes
Yes
24
ADM236L
+5 V
4
3
4
Yes
Yes
24
ADM237L
+5 V
5
3
4
No
No
24
ADM238L
+5 V
4
4
4
No
No
24
ADM239L
+5 V & +7.5 V to +13.2 V
3
5
2
No
Yes
24
ADM241L
+5 V
4
5
4
Yes
Yes
28
FEATURES
Single 5 V Power Supply
Meets All EIA-232-E and V.28 Specifications
120 kB/s Data Rate
On-Board DC-DC Converters
9 V Output Swing with +5 V Supply
Small 1
F Capacitors
Low Power Shutdown
≤1 A
Receivers Active in Shutdown (ADM223)
ESD > 2 kV
30 V Receiver Input Levels
Latch-Up FREE
Plug-In Upgrade for MAX223/230-241
Plug-In Upgrade for AD230–AD241
APPLICATIONS
Computers
Peripherals
Modems
Printers
Instruments
GENERAL DESCRIPTION
The ADM2xx family of line drivers/receivers is intended for all
EIA-232-E and V.28 communications interfaces, especially in
applications where
±12 V is not available. The ADM223,
ADM230L, ADM235L, ADM236L and ADM241L feature a
low power shutdown mode that reduces power dissipation to
less than 5
µW, making them ideally suited for battery powered
equipment. Two receivers remain enabled during shutdown on
the ADM223. The ADM233L and ADM235L do not require
any external components and are particularly useful in applica-
tions where printed circuit board space is critical.
All members of the ADM230L family, except the ADM231L
and the ADM239L, include two internal charge pump voltage
converters that allow operation from a single +5 V supply.
These converters convert the +5 V input power to the
±10 V
required for RS-232 output levels. The ADM231L and
ADM239L are designed to operate from +5 V and +12 V sup-
plies. An internal +12 V to –12 V charge pump voltage con-
verter generates the –12 V supply.
The ADM2xxL is an enhanced upgrade for the AD2xx family
featuring lower power consumption, faster slew rate and opera-
tion with smaller (1
µF) capacitors.
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
1
µF
16V
1
µF
6.3V
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
ADM232L
1
µF
6.3V
1
µF
16V
6
GND
15
4
5
3
1
2
1
µF
6.3V
T1IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS*
T1OUT
T2IN
R1OUT
R2OUT
T2OUT
R1IN
R2IN
R1
R2
T2
T1
TTL/CMOS
OUTPUTS
RS-232
INPUTS**
13
10
7
11
8
14
9
12
16


Similar Part No. - ADM223

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM223 AD-ADM223 Datasheet
340Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
More results

Similar Description - ADM223

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
AD230 AD-AD230 Datasheet
363Kb / 11P
5 V Powered CMOS RS-232 Drivers/Receivers
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM211ARZ AD-ADM211ARZ Datasheet
254Kb / 16P
0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
AD230 AD-AD230_15 Datasheet
4Mb / 15P
5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
ADM206 AD-ADM206 Datasheet
254Kb / 16P
0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com