Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM485 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM485
Description  5 V Low Power EIA RS-485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485 Datasheet(HTML) 2 Page - Analog Devices

  ADM485 Datasheet HTML 1Page - Analog Devices ADM485 Datasheet HTML 2Page - Analog Devices ADM485 Datasheet HTML 3Page - Analog Devices ADM485 Datasheet HTML 4Page - Analog Devices ADM485 Datasheet HTML 5Page - Analog Devices ADM485 Datasheet HTML 6Page - Analog Devices ADM485 Datasheet HTML 7Page - Analog Devices ADM485 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADM485–SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
DRIVER
Differential Output Voltage, VOD
5.0
V
R =
∞, Figure 1
2.0
5.0
V
VCC = 5 V, R = 50
Ω (RS-422), Figure 1
1.5
5.0
V
R = 27
Ω (RS-485), Figure 1
VOD3
1.5
5.0
V
VTST = –7 V to +12 V, Figure 2
∆|V
OD| for Complementary Output States
0.2
V
R = 27
Ω or 50 Ω, Figure 1
Common-Mode Output Voltage VOC
3
V
R = 27
Ω or 50 Ω, Figure 1
∆|VOC| for Complementary Output States
0.2
V
R = 27
Ω or 50 Ω
Output Short Circuit Current (VOUT = High) 35
250
mA
–7 V
≤ V
O
≤ +12 V
Output Short Circuit Current (VOUT = Low)
35
250
mA
–7 V
≤ VO ≤ +12 V
CMOS Input Logic Threshold Low, VINL
0.8
V
CMOS Input Logic Threshold High, VINH
2.0
V
Logic Input Current (DE, DI)
±1.0
µA
RECEIVER
Differential Input Threshold Voltage, VTH
–0.2
+0.2
V
–7 V
≤ VCM ≤ +12 V
Input Voltage Hysteresis,
∆V
TH
70
mV
VCM = 0 V
Input Resistance
12
k
Ω
–7 V
≤ VCM ≤ +12 V
Input Current (A, B)
+1
mA
VIN = 12 V
–0.8
mA
VIN = –7 V
Logic Enable Input Current (
RE)
±1
µA
CMOS Output Voltage Low, VOL
0.4
V
IOUT = +4.0 mA
CMOS Output Voltage High, VOH
4.0
V
IOUT = –4.0 mA
Short Circuit Output Current
7
85
mA
VOUT = GND or VCC
Tristate Output Leakage Current
±1.0
µA
0.4 V
≤ VOUT ≤ +2.4 V
POWER SUPPLY CURRENT
ICC (Outputs Enabled)
1.35
2.2
mA
Outputs Unloaded, Digital Inputs = GND or VCC
ICC (Outputs Disabled)
0.7
1
mA
Outputs Unloaded, Digital Inputs = GND or VCC
Specifications subject to change without notice.
TIMING SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
DRIVER
Propagation Delay Input to Output TPLH, TPHL
210
15
ns
RL Diff = 54
Ω CL1 = CL2 = 100 pF, Figure 3
Driver O/P to
O/P T
SKEW
05
ns
RL Diff = 54
Ω C
L1 = CL2 = 100 pF, Figure 3
Driver Rise/Fall Time TR, TF
210
ns
RL Diff = 54
Ω CL1 = CL2 = 100 pF, Figure 3
Driver Enable to Output Valid
10
25
ns
Driver Disable Timing
10
25
ns
RECEIVER
Propagation Delay Input to Output TPLH, TPHL
18
25
40
ns
CL = 15 pF, Figure 5
Skew |TPLH–TPHL|0
5
ns
Receiver Enable TEN1
15
25
ns
Figure 6
Receiver Disable TEN2
15
25
ns
Figure 6
Specifications subject to change without notice.
REV. A
–2–
(VCC = +5 V
5%. All specifications TMIN to TMAX unless otherwise noted)
(VCC = +5 V
5%. All specifications TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com