Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM485 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM485
Description  5 V Low Power EIA RS-485 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485 Datasheet(HTML) 4 Page - Analog Devices

  ADM485 Datasheet HTML 1Page - Analog Devices ADM485 Datasheet HTML 2Page - Analog Devices ADM485 Datasheet HTML 3Page - Analog Devices ADM485 Datasheet HTML 4Page - Analog Devices ADM485 Datasheet HTML 5Page - Analog Devices ADM485 Datasheet HTML 6Page - Analog Devices ADM485 Datasheet HTML 7Page - Analog Devices ADM485 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADM485
REV. A
–4–
Test Circuits
R
R
V
OC
V
OD
Figure 1. Driver Voltage Measurement Test Circuit
375
Ω
V
OD3
V
TST
375
Ω
60
Ω
Figure 2. Driver Voltage Measurement Test Circuit 2
A
B
R
LDIFF
C
L1
C
L2
Figure 3. Driver Propagation Delay Test Circuit
V
OUT
C
L
A
B
V
CC
S2
R
L
S1
0V OR 3V
DE IN
DE
Figure 4. Driver Enable/Disable Test Circuit
C
L
V
OUT
RE
A
B
Figure 5. Receiver Propagation Delay Test Circuit
V
OUT
V
CC
S2
R
L
S1
RE IN
RE
C
L
+1.5V
–1.5V
Figure 6. Receiver Enable/Disable Test Circuit
T
PLH
T
PHL
0V
0V
1.5V
1.5V
A–B
RO
V
OL
V
OH
Figure 9. Receiver Propagation Delay
T
ZH
1.5V
1.5V
3V
0V
1.5V
T
HZ
V
OH
V
OH
– 0.5V
0V
R
V
OL
+ 0.5V
T
ZL
1.5V
T
LZ
V
OL
R
RE
O/P LOW
O/P HIGH
Figure 10. Receiver Enable/Disable Timing
Switching Characteristics
–VO
VO
1/2VO
0V
3V
1.5V
1.5V
T
PLH
T
SKEW
VO
0V
90% POINT
10% POINT
90% POINT
10% POINT
T
PHL
B
A
T
SKEW
T
R
T
F
Figure 7. Driver Propagation Delay, Rise/Fall Timing
T
ZH
1.5V
DE
1.5V
3V
0V
2.3V
T
HZ
V
OH
V
OH
– 0.5V
0V
A, B
V
OL
+ 0.5V
T
ZL
2.3V
T
LZ
V
OL
A, B
Figure 8. Driver Enable/Disable Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com