Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM5180 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM5180
Description  Octal, RS-232/RS-423 Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5180 Datasheet(HTML) 6 Page - Analog Devices

  ADM5180 Datasheet HTML 1Page - Analog Devices ADM5180 Datasheet HTML 2Page - Analog Devices ADM5180 Datasheet HTML 3Page - Analog Devices ADM5180 Datasheet HTML 4Page - Analog Devices ADM5180 Datasheet HTML 5Page - Analog Devices ADM5180 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
–6–
REV. 0
ADM5180
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Plastic Leaded Chip Carrier (PLCC)
(P Suffix)
28-Lead Plastic DIP
(N Suffix)
500
0
5
300
100
1
200
0
400
4
3
2
Vpp – V (VID = ±Vpp/2)
TpLH
TpHL
VDD = 5V
FS = 0V
f = 100kHz
TA = +25°C
CL = 50pF
Figure 8. Propagation Delay vs. Amplitude
Figure 10. Rejectable Input Frequency vs. Amplitude
5.0
3.8
5
4.4
4.0
1
4.2
0
4.8
4.6
4
3
2
IOH – mA
VDD = 5V
TA = +25°C
7
0
4
3
1
1
2
0
6
4
5
3
2
REJECTABLE INPUT FREQUENCY – MHz
VDD = 5V
FS = 0V
TA = +25°C
1000
0
30
600
200
10
400
0
800
20
IOL – mA
VDD = 5V
FS = 0V
VID = 1V
TA = +25°C
PIN 1
0.580 (14.73)
0.485 (12.32)
1
14
15
28
0.625 (15.87)
0.600 (15.24)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.125 (3.18)
0.250
(6.35)
MAX
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
0.200 (5.05)
0.125 (3.18)
0.070 (1.77)
MAX
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
SEATING
PLANE
1.565 (39.70)
1.380 (35.10)
0.048 (1.21)
0.042 (1.07)
0.456 (11.58)
0.450 (11.43)
SQ
0.495 (12.57)
0.485 (12.32)
SQ
0.048 (1.21)
0.042 (1.07)
0.050
(1.27)
BSC
26
4
TOP VIEW
25
19
12
11
PIN 1
IDENTIFIER
5
18
0.020
(0.50)
R
0.032 (0.81)
0.026 (0.66)
0.021 (0.53)
0.013 (0.33)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.180 (4.57)
0.165 (4.19)
0.430 (10.92)
0.390 (9.91)
0.110 (2.79)
0.085 (2.16)
0.040 (1.01)
0.025 (0.64)
Figure 9. High Level Output Voltage vs. Output
Source Current
Figure 11. Low Level Output Voltage vs. Output
Sink Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com