Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM5180 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM5180
Description  Octal, RS-232/RS-423 Line Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM5180 Datasheet(HTML) 3 Page - Analog Devices

  ADM5180 Datasheet HTML 1Page - Analog Devices ADM5180 Datasheet HTML 2Page - Analog Devices ADM5180 Datasheet HTML 3Page - Analog Devices ADM5180 Datasheet HTML 4Page - Analog Devices ADM5180 Datasheet HTML 5Page - Analog Devices ADM5180 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ORDERING GUIDE
Model
Temperature Range
Package Option
ADM5180JN
0
°C to +70°C
N-28
ADM5180AN
–40
°C to +85°C
N-28
ADM5180JP
0
°C to +70°C
P-28A
ADM5180AP
–40
°C to +85°C
P-28A
REV. 0
–3–
ADM5180
ABSOLUTE MAXIMUM RATINGS1
(T
A = 25°C unless otherwise noted)
V
DD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . +15 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . +25 V
Failsafe Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
CC
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Continuous2
Power Dissipation Plastic DIP . . . . . . . . . . . . . . . . . . . . 1250 mW
(Derate at 12.5 mW/
°C Above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Power Dissipation PLCC . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
(Derate at 12.5 mW/
°C Above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . +80
°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADM5180 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
8mA
440µA
TO
OUTPUT
PIN
50pF
+2.1V
Figure 2. Timing Test Load
VIN
VOUT
0
VTH2
VTL2
VTH1
VTL1
VH1
VH2
FS = GND
FS = VDD
Figure 1. V
TL, VTH, VH Definition
(VIN+) – (VIN–)
OUTPUT
t
PLH
t
PHL
50%
50%
Figure 3. Timing Waveform
W
Operating Temperature Range
Commercial ( J Version) . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A Version) . . . . . . . . . . . . . . . . . . . –40
°C to +80°C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . . . +300
°C
Vapour Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this speci-
fication is not implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability.
2Only one output should be shorted at any time.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com