Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOTF11N62 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF11N62
Description  620V,11A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF11N62 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF11N62 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF11N62 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF11N62 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF11N62 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF11N62 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF11N62 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOTF11N62
Symbol
Min
Typ
Max
Units
620
720
BVDSS
/∆TJ
0.67
V/
oC
1
10
IGSS
Gate-Body leakage current
±100
n
Α
VGS(th)
Gate Threshold Voltage
3.3
3.9
4.5
V
RDS(ON)
0.56
0.65
Ω
gFS
12
S
VSD
0.73
1
V
IS
Maximum Body-Diode Continuous Current
11
A
ISM
39
A
Ciss
1320
1656
1990
pF
Coss
100
146
195
pF
Crss
6.5
11.2
16
pF
Rg
1.7
3.5
5.3
Ω
Qg
24
30.6
37
nC
Qgs
9.6
nC
Qgd
9.6
nC
tD(on)
39
ns
tr
58
ns
tD(off)
92
ns
ID=250µA, VGS=0V, TJ=25°C
ID=250µA, VGS=0V, TJ=150°C
Gate Drain Charge
Total Gate Charge
VGS=10V, VDS=480V, ID=11A
Gate Source Charge
Static Drain-Source On-Resistance
VGS=10V, ID=5.5A
Maximum Body-Diode Pulsed Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-Off DelayTime
VGS=10V, VDS=300V, ID=11A,
RG=25Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-On Rise Time
Reverse Transfer Capacitance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
VDS=5V ID=250µA
VDS=500V, TJ=125°C
Zero Gate Voltage Drain Current
IDSS
Zero Gate Voltage Drain Current
VDS=620V, VGS=0V
BVDSS
ID=250µA, VGS=0V
µA
VDS=0V, VGS=±30V
V
Drain-Source Breakdown Voltage
VGS=0V, VDS=25V, f=1MHz
SWITCHING PARAMETERS
IS=1A,VGS=0V
VDS=40V, ID=5.5A
Forward Transconductance
Diode Forward Voltage
tD(off)
92
ns
tf
42
ns
trr
400
500
600
ns
Qrr
4.7
5.9
7.1
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=11A,dI/dt=100A/µs,VDS=100V
Turn-Off DelayTime
RG=25Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=11A,dI/dt=100A/µs,VDS=100V
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial
T
J =25°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. L=60mH, I
AS=4.8A, VDD=150V, RG=25Ω, Starting TJ=25°C
Rev1: July 2012
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com