Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOTF11N62 Datasheet (PDF) - Alpha & Omega Semiconductors

AOTF11N62 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOTF11N62
Download  AOTF11N62 Download
File Size   550.56 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 620V,11A N-Channel MOSFET

AOTF11N62 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOTF11N62 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOTF11N62
Download  AOTF11N62 Click to download

File Size   550.56 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 620V,11A N-Channel MOSFET

AOTF11N62 Datasheet (HTML) - Alpha & Omega Semiconductors


AOTF11N62 Product details

General Description
The AOTF11N62 has been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability this device can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number: AOTF11N62L

Product Summary
    VDS                                   720V@150℃
    ID (at VGS=10V)               11A
    RDS(ON) (at VGS=10V)   < 0.65Ω
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOTF11N62

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF11N62 ISC-AOTF11N62 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOTF11N62

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
AOT11N60 AOSMD-AOT11N60 Datasheet
551Kb / 6P
600V,11A N-Channel MOSFET
AOT11N70 AOSMD-AOT11N70 Datasheet
223Kb / 6P
700V,11A N-Channel MOSFET
AOT12N40 AOSMD-AOT12N40 Datasheet
311Kb / 5P
400V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
600V,11A N-Channel MOSFET
AOWF11N70 AOSMD-AOWF11N70 Datasheet
305Kb / 5P
700V,11A N-Channel MOSFET
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
logo
KIA Semiconductor Techn...
6035A KIA-6035A Datasheet
257Kb / 5P
11A, 350V N-CHANNEL MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com