Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT12N40 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT12N40 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT12N40
Download  AOT12N40 Download
File Size   311.53 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 400V,11A N-Channel MOSFET

AOT12N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT12N40 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT12N40
Download  AOT12N40 Click to download

File Size   311.53 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 400V,11A N-Channel MOSFET

AOT12N40 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT12N40 Product details

General Description
The AOT12N40 is fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability this part can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number: AOT12N40L

Product Summary
    VDS                                    500V@150℃
    ID (at VGS=10V)                11A
    RDS(ON) (at VGS=10V)   <0.59Ω
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOT12N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT12N40 ISC-AOT12N40 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT12N40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP340 INTERSIL-IRFP340 Datasheet
57Kb / 7P
11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
logo
Alpha & Omega Semicondu...
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
AOT11N60 AOSMD-AOT11N60 Datasheet
551Kb / 6P
600V,11A N-Channel MOSFET
AOTF11N62 AOSMD-AOTF11N62 Datasheet
550Kb / 6P
620V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
600V,11A N-Channel MOSFET
AOWF11N70 AOSMD-AOWF11N70 Datasheet
305Kb / 5P
700V,11A N-Channel MOSFET
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
600V,11A N-Channel MOSFET
logo
KIA Semiconductor Techn...
6035A KIA-6035A Datasheet
257Kb / 5P
11A, 350V N-CHANNEL MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com