Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM660 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM660
Description  CMOS Switched-Capacitor Voltage Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660 Datasheet(HTML) 3 Page - Analog Devices

  ADM660 Datasheet HTML 1Page - Analog Devices ADM660 Datasheet HTML 2Page - Analog Devices ADM660 Datasheet HTML 3Page - Analog Devices ADM660 Datasheet HTML 4Page - Analog Devices ADM660 Datasheet HTML 5Page - Analog Devices ADM660 Datasheet HTML 6Page - Analog Devices ADM660 Datasheet HTML 7Page - Analog Devices ADM660 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ADM660/ADM8660
REV. A
–3–
PIN FUNCTION DESCRIPTIONS
Inverter Configuration
Mnemonic
Function
FC
Frequency Control Input for Internal Oscillator
and Charge Pump. With FC = Open (ADM660)
or connected to GND (ADM8660), fCP = 25 kHz;
with FC = V+, fCP = 120 kHz
CAP+
Positive Charge-Pump Capacitor Terminal.
GND
Power Supply Ground.
CAP–
Negative Charge-Pump Capacitor Terminal.
OUT
Output, Negative Voltage.
LV
Low Voltage Operation Input. Connect to GND
when input voltage is less than 3.5 V. Above
3.5 V, LV may be connected to GND or left
unconnected.
OSC
ADM660: Oscillator Control Input. OSC is
connected to an internal 15 pF capacitor. An
external capacitor may be connected to slow the
oscillator. An external oscillator may also be
used to overdrive OSC. The charge-pump
frequency is equal to 1/2 the oscillator frequency.
SD
ADM8660: Shutdown Control Input. This in-
put, when high, is used to disable the charge
pump thereby reducing the power consumption.
V+
Positive Power Supply Input.
Doubler Configuration (ADM660 Only)
Mnemonic
Function
FC
Frequency Control Input for Internal Oscillator
and Charge Pump. With FC = Open, fCP =
25 kHz; with FC = V+, fCP = 120 kHz.
CAP+
Positive Charge-Pump Capacitor Terminal.
GND
Positive Input Supply.
CAP–
Negative Charge-Pump Capacitor Terminal.
OUT
Ground.
LV
Low Voltage Operation Input. Connect to OUT.
OSC
Must be left unconnected in this mode.
V+
Doubled Positive Output.
PIN CONNECTIONS
8-Lead
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM660
FC
OUT
LV
OSC
V+
CAP+
GND
CAP–
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADM8660
FC
OUT
LV
SD
V+
CAP+
GND
CAP–
16-Lead
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
ADM660
RU-16
NC = NO CONNECT
NC
OSC
V+
NC
NC
NC
FC
CAP+
NC
OUT
LV
GND
CAP–
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com