Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM660 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM660
Description  CMOS Switched-Capacitor Voltage Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660 Datasheet(HTML) 1 Page - Analog Devices

  ADM660 Datasheet HTML 1Page - Analog Devices ADM660 Datasheet HTML 2Page - Analog Devices ADM660 Datasheet HTML 3Page - Analog Devices ADM660 Datasheet HTML 4Page - Analog Devices ADM660 Datasheet HTML 5Page - Analog Devices ADM660 Datasheet HTML 6Page - Analog Devices ADM660 Datasheet HTML 7Page - Analog Devices ADM660 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The ADM660 is a pin compatible upgrade for the MAX660,
MAX665, ICL7660 and LTC1046.
The ADM660/ADM8660 is available in 8-pin DIP and narrow-
body SOIC. The ADM660 is also available in a 16-lead TSSOP
package.
ADM660/ADM8660 Options
Option
ADM660
ADM8660
Inverting Mode
Y
Y
Doubling Mode
Y
N
External Oscillator
Y
N
Shutdown
N
Y
Package Options
SO-8
Y
Y
N-8
Y
Y
RU-16
Y
N
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
CMOS Switched-Capacitor
Voltage Converters
ADM660/ADM8660
FEATURES
ADM660: Inverts or Doubles Input Supply Voltage
ADM8660: Inverts Input Supply Voltage
100 mA Output Current
Shutdown Function (ADM8660)
2.2
F or 10
F Capacitors
0.3 V Drop at 30 mA Load
+1.5 V to +7 V Supply
Low Power CMOS: 600
A Quiescent Current
Selectable Charge Pump Frequency (25 kHz/120 kHz)
Pin Compatible Upgrade for MAX660, MAX665, ICL7660
Available in 16-Lead TSSOP Package
APPLICATIONS
Handheld Instruments
Portable Computers
Remote Data Acquisition
Op Amp Power Supplies
TYPICAL CIRCUIT CONFIGURATIONS
INVERTED
NEGATIVE
OUTPUT
+1.5V TO +7V
INPUT
C1
10µF
C2
10µF
ADM660
V+
GND
OUT
LV
OSC
FC
CAP+
CAP–
Voltage Inverter Configuration (ADM660)
INVERTED
NEGATIVE
OUTPUT
+1.5V TO +7V
INPUT
C1
10µF
C2
10µF
ADM8660
V+
GND
OUT
LV
FC
CAP+
CAP–
SD
SHUTDOWN
CONTROL
Voltage Inverter Configuration with Shutdown (ADM8660)
GENERAL DESCRIPTION
The ADM660/ADM8660 is a charge-pump voltage converter
that can be used to either invert the input supply voltage giving
VOUT = –VIN or double it (ADM660 only) giving VOUT = 2
× V
IN.
Input voltages ranging from +1.5 V to +7 V can be inverted into
a negative –1.5 V to –7 V output supply. This inverting scheme
is ideal for generating a negative rail in single power supply
systems. Only two small external capacitors are needed for the
charge pump. Output currents up to 50 mA with greater than
90% efficiency are achievable, while 100 mA achieves greater
than 80% efficiency.
A Frequency Control (FC) input pin is used to select either
25 kHz or 120 kHz charge-pump operation. This is used to
optimize capacitor size and quiescent current. With 25 kHz
selected, a 10
µF external capacitor is suitable, while with
120 kHz the capacitor may be reduced to 2.2
µF. The oscillator
frequency on the ADM660 can also be controlled with an exter-
nal capacitor connected to the OSC input or by driving this in-
put with an external clock. In applications where a higher supply
voltage is desired it is possible to use the ADM660 to double
the input voltage. With input voltages from 2.5 V to 7 V, output
voltages from 5 V to 14 V are achievable with up to 100 mA
output current.
The ADM8660 features a low power shutdown (SD) pin in-
stead of the external oscillator (OSC) pin. This can be used to
disable the device and reduce the quiescent current to 300 nA.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - ADM660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660,8660 AD-ADM660,8660_02 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Pulse A Technitrol Comp...
ADM6609 PULSE-ADM6609 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Analog Devices
ADM660AN AD-ADM660AN Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660AN AD-ADM660AN Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
More results

Similar Description - ADM660

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
2010
logo
Analog Devices
ADM660,8660 AD-ADM660,8660_02 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Microchip Technology
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
Switched Capacitor Voltage Converters
07/15/10
logo
Analog Devices
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
logo
Microchip Technology
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
Switched Capacitor Voltage Converters
5/22/00
logo
Analog Devices
ADM660 AD-ADM660 Datasheet
288Kb / 12P
CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com