Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM690A Datasheet(PDF) 1 Page - Analog Devices

Part # ADM690A
Description  Microprocessor Supervisory Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM690A Datasheet(HTML) 1 Page - Analog Devices

  ADM690A Datasheet HTML 1Page - Analog Devices ADM690A Datasheet HTML 2Page - Analog Devices ADM690A Datasheet HTML 3Page - Analog Devices ADM690A Datasheet HTML 4Page - Analog Devices ADM690A Datasheet HTML 5Page - Analog Devices ADM690A Datasheet HTML 6Page - Analog Devices ADM690A Datasheet HTML 7Page - Analog Devices ADM690A Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM690A/ADM692A/ADM802L/M/ADM805L/M
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
Microprocessor
Supervisory Circuits
FUNCTIONAL BLOCK DIAGRAM
BATTERY
SWITCHOVER
RESET
GENERATOR
WATCHDOG
TRANSITION DETECTOR
(1.6s)
4.65V*
1.25V
*4.4V FOR ADM692A/ADM802M/ADM805M
ADM690A
ADM692A
ADM802L
ADM802M
ADM805L
ADM805M
POWER FAIL
OUTPUT (PFO)
RESET
VOUT
VBATT
VCC
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
(RESET)
( ) = ADM805L/M ONLY
FEATURES
Precision Supply Voltage Monitor
4.65 V ADM690A/ADM802L/ADM805L
4.40 V ADM692A/ADM802M/ADM805M
Reset Assertion Down to 1 V VCC
Reset Timeout—200 ms
Watchdog Timer—1.6 s
100
A Quiescent Supply Current
Automatic Battery Backup Power Switching
Voltage Monitor for Power Fail
2% Power Fail Accuracy on ADM802L/M
Space-Saving MicroSOIC Package (ADM690A)
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
GENERAL DESCRIPTION
The ADM690A/ADM692A/ADM802L/M/ADM805L/M
family of supervisory circuits offers complete single chip
solutions for power supply monitoring and battery control
functions in microprocessor systems. These functions include
µP reset, backup battery switchover, watchdog timer, and power
failure warning.
The ADM690A/ADM692A/ADM802L/M/ADM805L/M are
available in 8-pin packages and provide:
1. Power-on reset output during power-up, power-down and
brownout conditions. The RESET output remains opera-
tional with VCC as low as 1 V.
2. Battery backup switching for CMOS RAM, CMOS
microprocessor or other low power devices.
3. A reset pulse if the optional watchdog timer has not been
toggled within 1.6 seconds.
4. A 1.25 V threshold detector for power fail warning, low battery
detection, or to monitor a power supply other than +5 V.
On the ADM690A/ADM802L/ADM805L the reset voltage
threshold is 4.65 V. On the ADM692A/ADM802M/
ADM805M, the reset voltage threshold is 4.40 V.
The ADM802L/ADM802M guarantee power fail accuracies to
±2%.
The ADM805L/M provides an active high reset output, RESET
instead of RESET.
The family of products is fabricated using an advanced epitaxial
CMOS process combining low power consumption and high
reliability. RESET assertion is guaranteed with VCC as low as 1 V.
They provide a pin-compatible upgrade for the MAX690A/
MAX692A/MAX802L/MAX802M/MAX805L
All parts are available in 8-pin DIP and SOIC packages. The
ADM690A is also available in a new space-saving microSOIC
package.


Similar Part No. - ADM690A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM690AAN AD-ADM690AAN Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM690AARM AD-ADM690AARM Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM690AARN AD-ADM690AARN Datasheet
269Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM690AARNZ AD-ADM690AARNZ Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits ADM690A/ADM692A/ADM802L/M/ADM805L/M
REV. 0
More results

Similar Description - ADM690A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com