Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8690 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8690
Description  Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8690 Datasheet(HTML) 1 Page - Analog Devices

  ADM8690 Datasheet HTML 1Page - Analog Devices ADM8690 Datasheet HTML 2Page - Analog Devices ADM8690 Datasheet HTML 3Page - Analog Devices ADM8690 Datasheet HTML 4Page - Analog Devices ADM8690 Datasheet HTML 5Page - Analog Devices ADM8690 Datasheet HTML 6Page - Analog Devices ADM8690 Datasheet HTML 7Page - Analog Devices ADM8690 Datasheet HTML 8Page - Analog Devices ADM8690 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Microprocessor
Supervisory Circuits
ADM8690–ADM8695
FEATURES
Upgrade for ADM690/ADM695, MAX690–MAX695
Specified Over Temperature
Low Power Consumption (0.7 mW)
Precision Voltage Monitor
Reset Assertion Down to 1 V VCC
Low Switch On-Resistance 0.7
Normal,
7
in Backup
High Current Drive (100 mA)
Watchdog Timer—100 ms, 1.6 s, or Adjustable
400 nA Standby Current
Automatic Battery Backup Power Switching
Extremely Fast Gating of Chip Enable Signals (3 ns)
Voltage Monitor for Power Fail
Available in TSSOP Package
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Automotive Systems
FUNCTIONAL BLOCK DIAGRAMS
ADM8691
ADM8693
ADM8695
4.65V1
RESET AND
WATCHDOG
TIMEBASE
RESET
GENERATOR
WATCHDOG
TRANSITION DETECTOR
WATCHDOG
TIMER
1.3V
VOUT
CEOUT
LOW LINE
RESET
RESET
WATCHDOG
OUTPUT (
WDO)
POWER FAIL
OUTPUT (
PFO)
VBATT
VCC
CEIN
OSC IN
OSC SEL
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
BATT ON
1VOLTAGE DETECTOR = 4.65V (ADM8691, ADM8695)
4.40V (ADM8693)
ADM8690
ADM8692
ADM8694
4.65V1
VOUT
RESET
POWER FAIL
OUTPUT (
PFO)
VBATT
VCC
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
1VOLTAGE DETECTOR = 4.65V (ADM8690, ADM8694)
4.40V (ADM8692)
2RESET PULSE WIDTH = 50ms (AD8690, ADM8692)
200ms (ADM8694)
WATCHDOG
TRANSITION DETECTOR
(1.6s)
RESET
GENERATOR2
1.3V
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
GENERAL DESCRIPTION
The ADM8690–ADM8695 family of supervisory circuits offers
complete single chip solutions for power supply monitoring and
battery control functions in microprocessor systems. These
functions include
µP reset, backup battery switchover, watchdog
timer, CMOS RAM write protection and power failure warning.
The complete family provides a variety of configurations to sat-
isfy most microprocessor system requirements.
The ADM8690, ADM8692 and ADM8694 are available in
8-pin DIP packages and provide:
1. Power-on reset output during power-up, power-down and
brownout conditions. The
RESET output remains opera-
tional with VCC as low as 1 V.
2. Battery backup switching for CMOS RAM, CMOS
microprocessor or other low power logic.
3. A reset pulse if the optional watchdog timer has not been
toggled within a specified time.
4. A 1.3 V threshold detector for power fail warning, low battery
detection or to monitor a power supply other than +5 V.
The ADM8691, ADM8693 and ADM8695 are available in
16-pin DIP and small outline packages (including TSSOP) and
provide three additional functions:
1. Write protection of CMOS RAM or EEPROM.
2. Adjustable reset and watchdog timeout periods.
3. Separate watchdog timeout, backup battery switchover, and
low VCC status outputs.
The ADM8690–ADM8695 family is fabricated using an ad-
vanced epitaxial CMOS process combining low power con-
sumption (0.7 mW), extremely fast Chip Enable gating (3 ns)
and high reliability.
RESET assertion is guaranteed with VCC as
low as 1 V. In addition, the power switching circuitry is de-
signed for minimal voltage drop thereby permitting increased
output current drive of up to 100 mA without the need of an
external pass transistor.


Similar Part No. - ADM8690

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8690 AD-ADM8690 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8690 AD-ADM8690 Datasheet
392Kb / 24P
Microprocessor Supervisory Circuits
Rev. C
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8690AN AD-ADM8690AN Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8690AN AD-ADM8690AN Datasheet
392Kb / 24P
Microprocessor Supervisory Circuits
Rev. C
More results

Similar Description - ADM8690

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com