Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM809RART Datasheet(PDF) 4 Page - Analog Devices

Part # ADM809RART
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM809RART Datasheet(HTML) 4 Page - Analog Devices

  ADM809RART Datasheet HTML 1Page - Analog Devices ADM809RART Datasheet HTML 2Page - Analog Devices ADM809RART Datasheet HTML 3Page - Analog Devices ADM809RART Datasheet HTML 4Page - Analog Devices ADM809RART Datasheet HTML 5Page - Analog Devices ADM809RART Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ADM809/ADM810
–4–
REV. 0
TEMPERATURE – C
30
0
–40
–20
020
40
60
80
25
20
15
10
5
85
VCC = 5V
VCC = 3V
VCC = 1V
Figure 3. Supply Current vs. Tem-
perature (ADM8_L/M/R/S/T) (No Load)
TEMPERATURE – C
235
–40
–20
020
40
60
80
235.5
236
236.5
237
237.5
238
238.5
239
239.5
240
85
Figure 6. Power-Down RESET Delay
vs. Temperature ADM8_R
—Typical Performance Characteristics
TEMPERATURE – C
0
–40
–20
020
40
60
80
20
40
60
80
100
120
140
160
180
200
85
VOD = VTH – VCC
VOD = 20mV
VOD = 100mV
VOD = 200mV
VOD = 10mV
Figure 4. Power-Down RESET Delay
vs. Temperature ADM8_L/M
TEMPERATURE – C
0.999
–40
–20
0
204060
80
1.002
1.0015
1.001
1.0005
1.0
0.9995
85
Figure 7. Normalized RESET Voltage
Threshold vs. Temperature
ADM8_L/M
400
350
0
1
10
1000
100
300
250
50
200
150
100
ADM8_R/S/T
RESET COMPARATOR OVERDRIVE, VTH – VCC (mV)
Figure 9. Maximum Transient Dura-
tion Without Causing a RESET Pulse
vs. RESET Comparator Overdrive
TEMPERATURE – C
0
–40
–20
020
40
60
80
20
40
60
80
100
120
140
160
180
85
VOD = VTH – VCC
VOD = 20mV
VOD = 100mV
VOD = 200mV
VOD = 10mV
Figure 5. Power-Down RESET Delay
vs. Temperature ADM8_T/S/R
2
1
1
RESET OUTPUT
VOLTAGE
ADM809R
ADM809T
CH1
2.00V
2.00V M 200ms CH1
2.00V
T
T
CH2
SUPPLY VOLTAGE
5VPK TO PK
Figure 8. RESET Output Voltage vs.
Supply Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com