Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM809RART Datasheet(PDF) 3 Page - Analog Devices

Part # ADM809RART
Description  Microprocessor Supervisory Circuit in 3-Pin SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM809RART Datasheet(HTML) 3 Page - Analog Devices

  ADM809RART Datasheet HTML 1Page - Analog Devices ADM809RART Datasheet HTML 2Page - Analog Devices ADM809RART Datasheet HTML 3Page - Analog Devices ADM809RART Datasheet HTML 4Page - Analog Devices ADM809RART Datasheet HTML 5Page - Analog Devices ADM809RART Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADM809/ADM810
–3–
REV. 0
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
1
GND
0 V. Ground reference for all signals.
2
RESET (ADM809) Active Low Logic Output. RESET
remains low while VCC is below the
reset threshold, and remains low for
240 ms (typ) after VCC rises above
the reset threshold
2
RESET (ADM810) Active High Logic Output. RESET
remains high while VCC is below the
reset threshold, and remains high for
240 ms (typ) after VCC rises above
the reset threshold.
3VCC
Supply voltage being monitored.
PIN CONFIGURATION
1
2
TOP VIEW
(Not to Scale)
ADM809/
ADM810
GND
3
RESET
, RESET
VCC
RESET
, RESET
VCC
RESET
t1
t1
VREF
VREF
VREF
VREF
t1 = RESET TIME = 240ms TYP.
VREF = RESET VOLTAGE THRESHOLD
Figure 2. Power Fail Reset Timing
Table I. Reset Threshold Options
RESET
Model
Threshold
ADM809LART
4.63 V
ADM809MART
4.38 V
ADM809JART
4.00 V
ADM809TART
3.08 V
ADM809SART
2.93 V
ADM809RART
2.63 V
ADM810LART
4.63 V
ADM810MART
4.38 V
ADM810JART
4.00 V
ADM810TART
3.08 V
ADM810SART
2.93 V
ADM810RART
2.63 V
ORDERING GUIDE
Reset
Temperature
Brand
Model*
Threshold
Range
Information
Quantity
ADM809LART-REEL
4.63 V
–40
°C to +105°C
9LXX
10K
ADM809LART-REEL-7
4.63 V
–40
°C to +105°C
9LXX
3K
ADM809MART-REEL
4.38 V
–40
°C to +105°C
9MXX
10K
ADM809MART-REEL-7
4.38 V
–40
°C to +105°C
9MXX
3K
ADM809JART-REEL
4.00 V
–40
°C to +105°C
9JXX
10K
ADM809JART-REEL-7
4.00 V
–40
°C to +105°C
9JXX
3K
ADM809TART-REEL
3.08 V
–40
°C to +105°C
9TXX
10K
ADM809TART-REEL-7
3.08 V
–40
°C to +105°C
9TXX
3K
ADM809SART-REEL
2.93 V
–40
°C to +105°C
9SXX
10K
ADM809SART-REEL-7
2.93 V
–40
°C to +105°C
9SXX
3K
ADM809RART-REEL
2.63 V
–40
°C to +105°C
9RXX
10K
ADM809RART-REEL-7
2.63 V
–40
°C to +105°C
9RXX
3K
ADM810LART-REEL
4.63 V
–40
°C to +105°C
ALXX
10K
ADM810LART-REEL-7
4.63 V
–40
°C to +105°C
ALXX
3K
ADM810MART-REEL
4.38 V
–40
°C to +105°C
AMXX
10K
ADM810MART-REEL-7
4.38 V
–40
°C to +105°C
AMXX
3K
ADM810JART-REEL
4.00 V
–40
°C to +105°C
AJXX
10K
ADM810JART-REEL-7
4.00 V
–40
°C to +105°C
AJXX
3K
ADM810TART-REEL
3.08 V
–40
°C to +105°C
ATXX
10K
ADM810TART-REEL-7
3.08 V
–40
°C to +105°C
ATXX
3K
ADM810SART-REEL
2.93 V
–40
°C to +105°C
ASXX
10K
ADM810SART-REEL-7
2.93 V
–40
°C to +105°C
ASXX
3K
ADM810RART-REEL
2.63 V
–40
°C to +105°C
ARXX
10K
ADM810RART-REEL-7
2.63 V
–40
°C to +105°C
ARXX
3K
*Only available in Reels.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com