Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8829 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8829
Description  Switched-Capacitor Voltage Inverter with Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8829 Datasheet(HTML) 1 Page - Analog Devices

  ADM8829 Datasheet HTML 1Page - Analog Devices ADM8829 Datasheet HTML 2Page - Analog Devices ADM8829 Datasheet HTML 3Page - Analog Devices ADM8829 Datasheet HTML 4Page - Analog Devices ADM8829 Datasheet HTML 5Page - Analog Devices ADM8829 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM8828/ADM8829
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Switched-Capacitor
Voltage Inverter with Shutdown
FUNCTIONAL BLOCK DIAGRAMS
TOP VIEW
(Not to Scale)
OUT
IN
CAP–
CAP+
SHDN
GND
ADM8828
1
2
3
6
5
4
TOP VIEW
(Not to Scale)
OUT
IN
CAP+
NC
GND
ADM8829
1
2
3
6
5
4
CAP–
NC = NO CONNECT
FEATURES
Inverts Input Supply Voltage
99% Voltage Conversion Efficiency
25 mA Output Current
Shutdown Function
Requires Only Two Capacitors
1
F Capacitors
18
Output Resistance
+1.5 V to +5.5 V Input Range
600
A Quiescent Current
20 nA Shutdown Current (ADM8828)
APPLICATIONS
Handheld Instruments
LCD Panels
Cellular Phones
PDAs
Remote Data Acquisition
Op Amp Power Supplies
GENERAL DESCRIPTION
The ADM8828/ADM8829 is a charge-pump voltage inverter
which may be used to generate a negative supply from a positive
input. Input voltages ranging from +1.5 V to +5.5 V can be
inverted into a negative –1.5 V to –5.5 V output supply. This
inverting scheme is ideal for generating a negative rail in single
power-supply systems. Only two small external capacitors are
needed for the charge pump. Output currents up to 25 mA with
greater than 99% efficiency are achievable.
The ADM8828 also features a low power shutdown (SHDN)
pin. This can be used to disable the device and reduce the quies-
cent current to 20 nA.
The ADM8828/ADM8829 is available in a 6-lead SOT-23
package.
+
+
+1.5V TO +5.5V
INPUT
SHUTDOWN
CONTROL
C1
1 F
C2
1 F
INVERTED
NEGATIVE
OUTPUT
ADM8828/
ADM8829
CAP+
CAP–
GND
IN
SHDN
OUT
Figure 1. Typical Circuit Configuration


Similar Part No. - ADM8829

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8829 AD-ADM8829 Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829ART AD-ADM8829ART Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829ART AD-ADM8829ART Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
More results

Similar Description - ADM8829

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828 AD-ADM8828_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com