Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081D Datasheet(PDF) 22 Page - Analog Devices

Part # AT45DB081D
Description  8-megabit 2.5V or 2.7V DataFlash
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D Datasheet(HTML) 22 Page - Analog Devices

Back Button AT45DB081D_13 Datasheet HTML 18Page - Analog Devices AT45DB081D_13 Datasheet HTML 19Page - Analog Devices AT45DB081D_13 Datasheet HTML 20Page - Analog Devices AT45DB081D_13 Datasheet HTML 21Page - Analog Devices AT45DB081D_13 Datasheet HTML 22Page - Analog Devices AT45DB081D_13 Datasheet HTML 23Page - Analog Devices AT45DB081D_13 Datasheet HTML 24Page - Analog Devices AT45DB081D_13 Datasheet HTML 25Page - Analog Devices AT45DB081D_13 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
22
3596O–DFLASH–1/2013
AT45DB081D
The result of the most recent Main Memory Page to Buffer Compare operation is indicated using
bit six of the status register. If bit six is a zero, then the data in the main memory page matches
the data in the buffer. If bit six is a one, then at least one bit of the data in the main memory page
does not match the data in the buffer.
Bit one in the Status Register is used to provide information to the user whether or not the sector
protection has been enabled or disabled, either by software-controlled method or hardware-con-
trolled method. A logic one indicates that sector protection has been enabled and logic zero
indicates that sector protection has been disabled.
Bit zero in the Status Register indicates whether the page size of the main memory array is con-
figured for “power of 2” binary page size (256-bytes) or the DataFlash standard page size (264-
bytes). If bit zero is a one, then the page size is set to 256-bytes. If bit zero is a zero, then the
page size is set to 264-bytes.
The device density is indicated using bits five, four, three, and two of the status register. For the
Adesto AT45DB081D, the four bits are 1001 The decimal value of these four binary bits does not
equate to the device density; the four bits represent a combinational code relating to differing
densities of DataFlash devices. The device density is not the same as the density code indicated
in the JEDEC device ID information. The device density is provided only for backward
compatibility.
12. Deep Power-down
After initial power-up, the device will default in standby mode. The Deep Power-down command
allows the device to enter into the lowest power consumption mode. To enter the Deep Power-
down mode, the CS pin must first be asserted. Once the CS pin has been asserted, an opcode
of B9H command must be clocked in via input pin (SI). After the last bit of the command has
been clocked in, the CS pin must be de-asserted to initiate the Deep Power-down operation.
After the CS pin is de-asserted, the will device enter the Deep Power-down mode within the
maximum tEDPD time. Once the device has entered the Deep Power-down mode, all instructions
are ignored except for the Resume from Deep Power-down command.
Table 12-1.
Deep Power-down
Figure 12-1. Deep Power-down
Table 11-1.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDY/BUSY
COMP
1
0
0
1
PROTECT
PAGE SIZE
Command
Opcode
Deep Power-down
B9H
Opcode
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com